Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 384 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 384 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 380Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 381Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 382Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 383Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 384Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 385Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 386Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 387Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 388Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 394 page
background image
384 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
384 • June 2011
COMPANY CONFIDENTIAL
4.4 Power-on Strapping
Table 4-4 shows the pin-to-PHY core
configuration signal power-on strapping.
IIH
Input high current
—
–0.4
mA
IIL
Input low current
0.4
—
mA
VIH
Input high voltage
1.7
3.6
V
VIL
Input high voltage
—
0.7
V
Table 4-3.
RGMII/GMII DC Characteristics
Table 4-4.
Power-On Strapping
Pin Name
Pin Signal
Pin
Description
Mode_oclk_selH
RXD1_0
A69
0
Controls the voltage output of switching regulator at
LX. 0 for 1.1V
1
Use external 1.1V power source, the external power
source must be between 1.1V and 1.26V
AZ_EN
RXDV_1
A54
0
Disable 802.3az
1
Enable 802.3az
MDIO_EN
SPI_DO
B44
0
UART interface
1
MDIO interface
UART_SPEED
RXD0_0
A68
0
Normal operation
1
High speed for function test
control_dac[1]
RX_D0_1
A55
0
power-saving mode — set in concert with pin A70,
below
2’b00: Power-saving off
2’b01: Power-saving mode 1
2’b10: Power-saving mode 2
2’b11: Power-saving mode 3
control_dac[0]
RX_D2_0
A70
0
power-saving mode — set in concert with pin A55,
above
SPI_SIZE
RXD2_1
B49
0
1K
4K or 2K
FUNC_MODE0
SPI_CS
A52
00
Normal Operation
FUNC_MODE1
SPI_CLK
B45
01
Test Mode
10
11
LED_OPEN_EN
INT_n
B68
0
Driver
1
Open Drain
SPI_EN
RXCLK_0
A65
0
No EEPROM connected
1
EEPROM enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com