Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 3Page - Cirrus Logic CS42406 Datasheet HTML 4Page - Cirrus Logic CS42406 Datasheet HTML 5Page - Cirrus Logic CS42406 Datasheet HTML 6Page - Cirrus Logic CS42406 Datasheet HTML 7Page - Cirrus Logic CS42406 Datasheet HTML 8Page - Cirrus Logic CS42406 Datasheet HTML 9Page - Cirrus Logic CS42406 Datasheet HTML 10Page - Cirrus Logic CS42406 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
CS42406
7
DAC_FILT+
21
Positive Voltage Reference (
Output) - Positive reference voltage for the internal sampling circuits.
DAC_VQ
22
Quiescent Voltage (
Output) - Filter connection for internal quiescent voltage.
AINL
AINR
24
26
Analog Inputs
(Input) - The full scale analog input level is specified in the “ADC Analog Character-
istics (CS42406-CQZ)” on page 14.
ADC_VQ
25
Quiescent Voltage (
Output) - Filter connection for internal quiescent voltage.
AOUTB3
AOUTA3
AOUTB2
AOUTA2
AOUTB1
AOUTA1
29
30
36
37
39
40
Analog Outputs (
Output) - The full scale analog line output level is specified in the “DAC Analog
Characteristics (CS42406-CQZ)” on page 9.
MUTEC3
MUTEC2
MUTEC1
28
38
41
Mute Control (
Output) - Control signals for optional mute circuit.
VA
32
Analog Power (
Input) - Positive power supply for the analog section.
ADC_FILT+
34
Positive Voltage Reference (
Output) - Positive reference voltage for the internal sampling circuits.
ADC_M1
ADC_M0
43
44
ADC Mode Selection (
Input) - Determines the operational speed mode of the ADC.
SDIN1
SDIN2
SDIN3
46
47
48
Serial Audio Data Input (
Input) - Input for two’s complement serial audio data.
DAC Control
Port Definitions
SCL/CCLK
13
Serial Control Port Clock (
Input) - Serial clock for the control port interface.
SDA/CDIN
14
Serial Control Data I/O (
Input/Output)
- Input/Output for I²C data. Input for SPI data.
AD0/CS
15
Address Bit / Chip Select (
Input) - Chip address bit in I²C Mode. Control signal used to select the
chip in SPI mode.
DAC Stand
Alone Defini-
tions
DIF1
DIF0
13
14
Digital Interface Format (
Input) - Defines the required relationship between the Left Right Clock,
Serial Clock and Serial Audio Data for the DAC.
DAC_M0
DAC_M1
15
17
Mode Selection (
Input) - Determines the operational speed mode of the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com