Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 26Page - Cirrus Logic CS42406 Datasheet HTML 27Page - Cirrus Logic CS42406 Datasheet HTML 28Page - Cirrus Logic CS42406 Datasheet HTML 29Page - Cirrus Logic CS42406 Datasheet HTML 30Page - Cirrus Logic CS42406 Datasheet HTML 31Page - Cirrus Logic CS42406 Datasheet HTML 32Page - Cirrus Logic CS42406 Datasheet HTML 33Page - Cirrus Logic CS42406 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
CS42406
30
DS614PP5
4. APPLICATIONS
4.1
Single, Double, and Quad-Speed Modes
4.1.1
ADC Serial Port
The ADC’s internal to the CS42406 can support output sample rates from 2 kHz to 200 kHz, and a base
MCLK/ADC_LRCK ratio of either 256x or 384x. The proper speed mode can be determined by the desired
output sample rate and the external MCLK/ADC_LRCK ratio, as shown in Table 1 and Table 2. Please
see section 4.2 for a discussion on how to select the desired speed mode.
* Quad-Speed Mode, 64x only available in Master Mode.
Table 1. ADC Speed Modes and the Associated Output Sample Rates (Fs) for 256x Mode
* Quad Speed Mode, 96x only available in Master Mode.
Table 2. ADC Speed Modes and the Associated Output Sample Rates (Fs) for 384x Mode
4.1.2
DAC Serial Port
4.1.2a
Stand Alone Mode
The DAC’s internal to the CS42406 operate in one of four operational modes determined by the DAC_Mx
pins when in Stand Alone Mode. Sample rates outside the specified range for each mode are not support-
ed. Refer to Table 3.
Speed Mode
MCLK /
ADC_LRCK Ratio
ADC_SCLK /
ADC_LRCK Ratio
Output Sample Rate Range (kHz)
Single-Speed Mode
512x
32x, 48x, 64x
43 - 50
256x
32x, 48x, 64x
2 - 50
Double-Speed Mode
256x
32x, 48x, 64x
86 - 100
128x
32x, 48x, 64x
50 - 100
Quad-Speed Mode
128x
32x, 48x, 64x
172 - 200
64x*
64x
100 - 200
Speed Mode
MCLK/ADC_LRCK
Ratio
ADC_SCLK/ADC_
LRCK Ratio
Output Sample Rate Range (kHz)
Single-Speed Mode
768x
32x, 48x, 64x
43 - 50
384x
32x, 48x, 64x
2 - 50
Double-Speed Mode
384x
32x, 48x
86 - 100
192x
32x, 48x
50 - 100
Quad-Speed Mode
192x
32x, 48x
172 - 200
96x*
48x
100 - 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com