Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 1 Page - Cirrus Logic

  CS42406 Datasheet HTML 1Page - Cirrus Logic CS42406 Datasheet HTML 2Page - Cirrus Logic CS42406 Datasheet HTML 3Page - Cirrus Logic CS42406 Datasheet HTML 4Page - Cirrus Logic CS42406 Datasheet HTML 5Page - Cirrus Logic CS42406 Datasheet HTML 6Page - Cirrus Logic CS42406 Datasheet HTML 7Page - Cirrus Logic CS42406 Datasheet HTML 8Page - Cirrus Logic CS42406 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
http://www.cirrus.com
CS42406
24-Bit, 192 kHz 2-In 6-Out Audio CODEC
D/A Features
24-Bit Conversion
102 dB Dynamic Range at 5 V
-91 dB THD+N
Digital Volume Control with Soft Ramp
– 119 dB Attenuation
– 1 dB Step Size
– Zero Crossing Click-Free Transitions
I²C & SPI
™ Host Control Port
ATAPI Mixing
Low Clock Jitter Sensitivity
Popguard Technology® for Control of Clicks
and Pops
A/D Features
24-Bit Conversion
105 dB Dynamic Range at 5 V
-98 dB THD+N
Advanced Multi-Bit Delta-Sigma
Architecture
High Pass Filter to Remove DC Offsets
Auto-Mode Selection
System Features
Direct interface with 5 V to 1.8 V logic levels
Supports Independent, Synchronous
ADC/DAC Sample Rates
Operation as Clock Master or Slave
Supports all Audio Sample Rates Including
192 kHz
Single-Ended Inputs/Outputs
Analog/Digital Core Supplies From 3.3 V to
5V
VLC = 1.8 V to 5 V
Mute
Controls
∆Σ
Modulators
Anti-Alias Filter
External
Mute Control
Register / Hardware
Configuration
Internal Voltage
Reference
Interpolation
Filters
PDN/Reset
Switched
Capacitor DACs
and Filters
Multibit
Oversampling
ADC
Multibit
Oversampling
ADC
Anti-Alias Filter
High Pass Filter
High Pass Filter
Left Input
Right Input
Volume
Controls
Serial Audio
Input/Output
VD = 3.3 V to 5 V
Hardware or
I2C/SPI
Control Data
VA = 3.3 V to 5 V
Analog
Outputs
VLS
1.8 V to 5 V
DEC ‘04
DS614PP5


Similar Part No. - CS42406

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42416 CIRRUS-CS42416 Datasheet
1Mb / 67P
110 dB, 192kHz 6-Ch CODEC WITH PLL
CS42416 CIRRUS-CS42416 Datasheet
1Mb / 73P
110 dB, 192 kHz 6-Ch Codec with PLL
CS42416-CQZ CIRRUS-CS42416-CQZ Datasheet
1Mb / 67P
110 dB, 192kHz 6-Ch CODEC WITH PLL
CS42416-CQZ CIRRUS-CS42416-CQZ Datasheet
1Mb / 73P
110 dB, 192 kHz 6-Ch Codec with PLL
CS42416-CQZR CIRRUS-CS42416-CQZR Datasheet
1Mb / 73P
110 dB, 192 kHz 6-Ch Codec with PLL
More results

Similar Description - CS42406

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
24 BIT 192KHZ STEREO CODEC
logo
Asahi Kasei Microsystem...
AK4620A AKM-AK4620A Datasheet
395Kb / 42P
24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4620B AKM-AK4620B Datasheet
397Kb / 42P
24-Bit 192kHz Audio CODEC with IPGA
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
24-bit, 192kHz Stereo CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
24-Bit 192kHz Stereo Audio CODEC
logo
List of Unclassifed Man...
AK4620BVFP-E2 ETC2-AK4620BVFP-E2 Datasheet
400Kb / 42P
24-Bit 192kHz Audio CODEC with IPGA
logo
Asahi Kasei Microsystem...
AK4617VQ AKM-AK4617VQ Datasheet
1Mb / 64P
192kHz 24-bit 2ch/12ch Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com