Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 34Page - Cirrus Logic CS42406 Datasheet HTML 35Page - Cirrus Logic CS42406 Datasheet HTML 36Page - Cirrus Logic CS42406 Datasheet HTML 37Page - Cirrus Logic CS42406 Datasheet HTML 38Page - Cirrus Logic CS42406 Datasheet HTML 39Page - Cirrus Logic CS42406 Datasheet HTML 40Page - Cirrus Logic CS42406 Datasheet HTML 41Page - Cirrus Logic CS42406 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
CS42406
38
DS614PP5
1) After writing to the MAP (see section 4.10.1), initiate a repeated START condition to the I²C bus fol-
lowed by the address byte. The upper 6 bits must be 001000. The seventh bit must match the setting
of the AD0 pin, and the eighth must be 1. The eighth bit of the address byte is the R/W bit.
2) Signal the end of the address byte by
not issuing an acknowledge. The device will then transmit the
contents of the register pointed to by the MAP. The MAP will contain the address of the last register
written to the MAP.
3) If the INCR bit is set to 1, the device will continue to transmit the contents of successive registers. Con-
tinue providing a clock but do not issue an ACK on the bytes clocked out of the device. After all the
desired registers are read, initiate a STOP condition to the bus.
4) If the INCR bit is set to 0 and further I²C reads from other registers are desired, it is necessary to repeat
the procedure detailed from step 1. If no further reads from other registers are desired, initiate a STOP
condition to the bus.
4.10.3
SPI Mode
In SPI mode, data is clocked into the serial control data line, CDIN, by the serial control port clock, CCLK
(see Figure 40 for the clock to data relationship). There is no AD0 pin. Pin CS is the chip select signal and
is used to control SPI writes to the control port. When the device detects a high to low transition on the
AD0/CS pin after power-up, SPI mode will be selected. All signals are inputs and data is clocked in on the
rising edge of CCLK.
4.10.3a
SPI Write
To write to the device, follow the procedure below while adhering to the control port Switching Specifica-
tions.
1) Bring CS low.
2) The address byte on the CDIN pin must then be 00100000.
3) Write to the memory address pointer, MAP. This byte points to the register to be written.
4) Write the desired data to the register pointed to by the MAP.
5) If the INCR bit (see section 4.10.1a) is set to 1, repeat the previous step until all the desired registers
are written, then bring CS high.
6) If the INCR bit is set to 0 and further SPI writes to other registers are desired, it is necessary to bring
CS high, and repeat the procedure detailed from step 1. If no further writes to other registers are de-
sired, bring CS high.
SD A
SC L
00 10 00
A D 0
W
Sta rt
AC K
MA P
1-8
AC K
00 10 00
AD 0
R
R epeated S T A R T
or
A b o rte d W R IT E
AC K
Da ta 1 -8
(pointed to by MA P )
D a ta 1 -8
(p ointed to by MA P )
AC K
Sto p
Figure 39. I²C Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com