Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 20Page - Cirrus Logic CS42406 Datasheet HTML 21Page - Cirrus Logic CS42406 Datasheet HTML 22Page - Cirrus Logic CS42406 Datasheet HTML 23Page - Cirrus Logic CS42406 Datasheet HTML 24Page - Cirrus Logic CS42406 Datasheet HTML 25Page - Cirrus Logic CS42406 Datasheet HTML 26Page - Cirrus Logic CS42406 Datasheet HTML 27Page - Cirrus Logic CS42406 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
CS42406
24
DS614PP5
* For a description of Speed Modes, please refer to Table 1 on page 30.
18. Internal ÷ is automatically determined when operating within the specified limits.
256x Mode
(pin 6 = LO)
MCLK Frequency (Note 18)
Internal ÷1
1.024
-
12.8
MHz
Internal ÷2
22.016
-
25.6
MHz
Master Mode
ADC_SCLK Duty Cycle
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
-
-
-
50
50
50
-
-
-
%
%
%
ADC_LRCK Frequency (Note 18)
MCLK = 64 Fs (÷1)
Quad-Speed Mode
Fs
100
-
200
kHz
Slave Mode
ADC_SCLK Period
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
tsclkw
156
156
78
-
-
-
-
-
-
ns
ns
ns
ADC_SCLK Duty Cycle
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
45
45
45
-
-
-
55
55
55
%
%
%
384x Mode
(pin 6 = HI)
MCLK Frequency (Note 18)
Internal ÷1.5
1.536
-
19.2
MHz
Internal ÷3
33.024
-
38.4
MHz
Master Mode
ADC_SCLK Duty Cycle
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
-
-
-
50
50
33
-
-
-
%
%
%
ADC_LRCK Frequency (Note 18)
MCLK = 96 Fs (÷1.5)
Quad-Speed Mode
Fs
100
-
200
kHz
Slave Mode
ADC_SCLK Period
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
tsclkw
290
193
104
-
-
-
-
-
-
ns
ns
ns
ADC_SCLK Duty Cycle
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
45
45
45
-
-
-
55
55
50
%
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com