Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 31Page - Cirrus Logic CS42406 Datasheet HTML 32Page - Cirrus Logic CS42406 Datasheet HTML 33Page - Cirrus Logic CS42406 Datasheet HTML 34Page - Cirrus Logic CS42406 Datasheet HTML 35Page - Cirrus Logic CS42406 Datasheet HTML 36Page - Cirrus Logic CS42406 Datasheet HTML 37Page - Cirrus Logic CS42406 Datasheet HTML 38Page - Cirrus Logic CS42406 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
CS42406
35
4.6
Recommended Power-up Sequence
4.6.1
Stand Alone Mode
1) Hold DAC_RST and ADC_PDN low until the power supplies and configuration pins are stable, and the
master and left/right clocks are locked to the appropriate frequencies. In this state, the control port is
reset to its default settings.
2) Bring DAC_RST and ADC_PDN high. The CS42406 DAC will remain in a low power state with
DAC_VQ low and will initiate the Stand Alone power-up sequence after approximately 512
DAC_LRCK cycles in Single-Speed Mode (1024 DAC_LRCK cycles in Double-Speed Mode, and
2048 DAC_LRCK cycles in Quad-Speed Mode). The CS42406 ADC will begin the power-up se-
quence immediately following ADC_PDN going high.
4.6.2
Control Port Mode
1) Hold DAC_RST and ADC_PDN low until the power supplies are stable, and the master and left/right
clocks are locked to the appropriate frequencies. In this state, the control port is reset to its default
settings.
2) Bring DAC_RST and ADC_PDN high. The CS42406 DAC will remain in a low power state with
DAC_VQ low.
3) Load the desired register settings while keeping the PDN bit set to 1.
4) Set the PDN bit to 0. This will initiate the power-up sequence for the DAC, which lasts approximately
50 µs when the POPG bit is set to 0. If the POPG bit is set to 1, see Section 4.7 for a complete de-
scription of power-up timing.
4.7
Popguard® Transient Control
The CS42406 uses a technique to minimize the effects of output transients during power-up and power-
down. This technology, when used with external DC-blocking capacitors in series with the audio outputs,
minimizes the audio transients commonly produced by single-ended single-supply converters. It is acti-
vated inside the CS42406 when the DAC_RST pin or PDN bit is enabled/disabled and requires no other
external control, aside from choosing the appropriate DC-blocking capacitors.
4.7.1
Power-up
When the device is initially powered-up, the audio outputs, AOUTAx and AOUTBx, are clamped to GND.
Following a delay of approximately 1000 DAC_LRCK cycles, each output begins to ramp toward the qui-
escent voltage. Approximately 10,000 DAC_LRCK cycles later, the outputs reach DAC_VQ and audio
output begins. This gradual voltage ramping allows time for the external DC-blocking capacitors to charge
to the quiescent voltage, minimizing the power-up transient.
4.7.2
Power-down
To prevent transients at power-down, the CS42406 must first enter its power-down state. When this oc-
curs, audio output ceases and the internal output buffers are disconnected from AOUTAx and AOUTBx.
In their place, a soft-start current sink is substituted which allows the DC-blocking capacitors to slowly dis-
charge. Once this charge is dissipated, the power to the device may be turned off and the system is ready
for the next power-on.
4.7.3
Discharge Time
To prevent an audio transient at the next power-on, the DC-blocking capacitors must fully discharge be-
fore turning on the power or exiting the power-down state. If full discharge does not occur, a transient will
occur when the audio outputs are initially clamped to GND. The time that the device must remain in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com