Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 30Page - Cirrus Logic CS42406 Datasheet HTML 31Page - Cirrus Logic CS42406 Datasheet HTML 32Page - Cirrus Logic CS42406 Datasheet HTML 33Page - Cirrus Logic CS42406 Datasheet HTML 34Page - Cirrus Logic CS42406 Datasheet HTML 35Page - Cirrus Logic CS42406 Datasheet HTML 36Page - Cirrus Logic CS42406 Datasheet HTML 37Page - Cirrus Logic CS42406 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
CS42406
34
DS614PP5
4.5
Analog Connections
The analog modulator samples the input at 6.144 MHz. The digital filter will reject signals within the stop-
band of the filter. However, there is no rejection for input signals which are multiples of the input sampling
frequency (n
* 6.144 MHz), where n=0, 1, 2, ... Refer to Figure 36 which shows the suggested filter that
will attenuate any noise energy at 6.144 MHz, in addition to providing the optimum source impedance for
the modulators. The use of capacitors which have a large voltage coefficient (such as general purpose
ceramics) must be avoided since these can degrade signal linearity.
4.5.1
Capacitor Size on the Reference Pin (FILT+)
The CS42406 requires an external capacitance on the internal reference voltage pin, ADC_FILT+. The
size of this decoupling capacitor will affect the low frequency distortion performance as shown in Figure
37, with larger capacitor values used to optimize low frequency distortion performance.
*Place as close to
the CS42406 as
possi bl e.
VA
+
-
4.7
µF
100 k
Ω
100 k
Ω
470 pF
C0G
634
Ω
91
Ω
2200 pF
C0G
AINL
AINR
CS42406
Input1
VA
+
-
4.7
µF
100 k
Ω
100 k
Ω
470 pF
C0G
634
Ω
91
Ω
2200 pF
C0G
Input2
*
*
Figure 36. CS42406 Recommended Analog Input Buffer
47 uF
100 uF
22 uF
10 uF
6.8 uF
4.7 uF
3.3 uF
2.2 uF
1 uF
5.6 uF
Figure 37. CS42406 ADC: THD+N versus Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com