Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 19Page - Cirrus Logic CS42406 Datasheet HTML 20Page - Cirrus Logic CS42406 Datasheet HTML 21Page - Cirrus Logic CS42406 Datasheet HTML 22Page - Cirrus Logic CS42406 Datasheet HTML 23Page - Cirrus Logic CS42406 Datasheet HTML 24Page - Cirrus Logic CS42406 Datasheet HTML 25Page - Cirrus Logic CS42406 Datasheet HTML 26Page - Cirrus Logic CS42406 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
CS42406
23
SWITCHING CHARACTERISTICS - ADC SERIAL AUDIO PORT Logic “0” = GND =
0 V; Logic “1” = VLS, CL = 20 pF.
NOTE: Certain parameters depend on the 256x/384x (pin6) mode setting and are separated below.
Parameter
Symbol
Min
Typ
Max
Unit
MCLK Duty Cycle
45
-
55
%
Master Mode
ADC_SCLK falling to ADC_LRCK
tmslr
-20
-
20
ns
ADC_SCLK falling to SDOUT valid
tsdo
0
-
32
ns
Slave Mode
Single-Speed*
ADC_LRCK Frequency
MCLK = 256, 384 Fs (÷1 or 1.5)
(Note 18)
MCLK = 512, 768 Fs (÷2 or 3)
Fs
Fs
4
43
-50
50
kHz
kHz
ADC_LRCK Duty Cycle
40
-
60
%
SDOUT valid before ADC_SCLK rising
tstp
10
-
-
ns
SDOUT valid after ADC_SCLK rising
thld
5-
-
ns
ADC_SCLK falling to ADC_LRCK edge
tslrd
-20
-
20
ns
Double-Speed*
ADC_LRCK Frequency
MCLK = 128, 192 Fs (÷1 or 1.5)
(Note 18)
MCLK = 256, 384 Fs (÷2 or 3)
Fs
Fs
50
86
-100
100
kHz
kHz
ADC_LRCK Duty Cycle
40
-
60
%
SDOUT valid before ADC_SCLK rising
tstp
10
-
-
ns
SDOUT valid after ADC_SCLK rising
thld
5-
-
ns
ADC_SCLK falling to ADC_LRCK edge
tslrd
-20
-
20
ns
Quad-Speed*
ADC_LRCK Frequency
(Note 18)
MCLK = 128 Fs (÷2 or 3)
Fs
172
-
200
kHz
ADC_LRCK Duty Cycle
40
-
60
%
SDOUT valid before ADC_SCLK rising
tstp
10
-
-
ns
SDOUT valid after ADC_SCLK rising
thld
5-
-
ns
ADC_SCLK falling to ADC_LRCK edge
tslrd
-8
-
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com