Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 33Page - Cirrus Logic CS42406 Datasheet HTML 34Page - Cirrus Logic CS42406 Datasheet HTML 35Page - Cirrus Logic CS42406 Datasheet HTML 36Page - Cirrus Logic CS42406 Datasheet HTML 37Page - Cirrus Logic CS42406 Datasheet HTML 38Page - Cirrus Logic CS42406 Datasheet HTML 39Page - Cirrus Logic CS42406 Datasheet HTML 40Page - Cirrus Logic CS42406 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
CS42406
37
4.10.1a
INCR (Auto Map Increment)
The CS42406 has MAP auto increment capability enabled by the INCR bit (the MSB) of the MAP. If INCR
is set to 0, MAP will stay constant for successive I²C writes or reads and SPI writes. If INCR is set to 1,
MAP will auto increment after each byte is written, allowing block reads or writes of successive registers.
Default = ‘0’
0 - Disabled
1 - Enabled
4.10.1b
MAP0-3 (Memory Address Pointer)
Default = ‘0000’
4.10.2
I²C Mode
In the I²C mode, data is clocked into and out of the bi-directional serial control data line, SDA, by the serial
control port clock, SCL. There is no CS pin. Pin AD0 enables the user to alter the chip address
(001000[AD0][R/W]) and should be tied to VLC or GND as required, before powering up the device. If the
device ever detects a high to low transition on the AD0/CS pin after power-up, SPI mode will be selected.
4.10.2a
I²C Write
To write to the device, follow the procedure below while adhering to the control port timing as described
in “Switching Specifications - Control Port Interface” on page 27.
1) Initiate a START condition to the I²C bus followed by the address byte. The upper 6 bits must be
001000. The seventh bit must match the setting of the AD0 pin, and the eighth must be 0. The eighth
bit of the address byte is the R/W bit.
2) Wait for an acknowledge (ACK) from the part, then write to the memory address pointer, MAP. This
byte points to the register to be written.
3) Wait for an acknowledge (ACK) from the part, then write the desired data to the register pointed to by
the MAP.
4) If the INCR bit (see section 4.10.1a) is set to 1, repeat the previous step until all the desired registers
are written, then initiate a STOP condition to the bus.
5) If the INCR bit is set to 0 and further I²C writes to other registers are desired, it is necessary to repeat
the procedure detailed from step 1. If no further writes to other registers are desired, initiate a STOP
condition to the bus.
4.10.2b
I²C Read
To read from the device, follow the procedure below while adhering to the control port Switching Specifi-
cations. During this operation it is first necessary to write to the device, specifying the appropriate register
through the MAP.
SD A
SC L
001000
AD 0
W
Sta rt
AC K
MAP
1-8
AC K
DATA
1-8
AC K
Stop
Figure 38. I²C Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com