Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 32Page - Cirrus Logic CS42406 Datasheet HTML 33Page - Cirrus Logic CS42406 Datasheet HTML 34Page - Cirrus Logic CS42406 Datasheet HTML 35Page - Cirrus Logic CS42406 Datasheet HTML 36Page - Cirrus Logic CS42406 Datasheet HTML 37Page - Cirrus Logic CS42406 Datasheet HTML 38Page - Cirrus Logic CS42406 Datasheet HTML 39Page - Cirrus Logic CS42406 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
CS42406
36
DS614PP5
power-down state is related to the value of the DC-blocking capacitance and the output load. For example,
with a 3.3 µF capacitor, the minimum power-down time will be approximately 0.4 seconds.
4.8
Mute Control
The Mute Control pins go high during power-up initialization, reset, muting (see section 6.1.1 and 6.4.1),
or if the MCLK to DAC_LRCK ratio is incorrect. These pins are intended to be used as control for external
mute circuits to prevent the clicks and pops that can occur in any single-ended single supply system.
Use of the Mute Control function is not mandatory but recommended for designs requiring the absolute
minimum in extraneous clicks and pops. Also, use of the Mute Control function can enable the system
designer to achieve idle channel noise/signal-to-noise ratios which are only limited by the external mute
circuit. Please see the CDB42406 data sheet for a suggested mute circuit.
4.9
Grounding and Power Supply Arrangements
As with any high resolution converter, the CS42406 requires careful attention to power supply and ground-
ing arrangements if its potential performance is to be realized. Figure 33 shows the recommended power
arrangements, with VA, VD, VLS and VLC connected to clean supplies. If the ground planes are split be-
tween digital ground and analog ground, the GND pins of the CS42406 should be connected to the analog
ground plane.
All signals, especially clocks, should be kept away from the FILT+ and VQ pins in order to avoid unwanted
coupling into the modulators. The CDB42406 evaluation board demonstrates the optimum layout and
power supply arrangements.
4.9.1
Capacitor Placement
Decoupling capacitors should be placed as close to the CS42406 as possible, with the low value ceramic
capacitor being the closest. To further minimize impedance, these capacitors should be located on the
same layer as the converter. If desired, all supply pins may be connected to the same supply, but a de-
coupling capacitor should still be placed on each supply pin and referenced to analog ground. Due to the
proximity of the two VD pins (pins 7 and 9), one set of decoupling capacitors will be sufficient for the digital
supply. Please refer to Figure 33.
4.10
Control Port Interface
The control port is used to load all the internal register settings (see section 6). The operation of the control
port may be completely asynchronous with the audio sample rate. However, to avoid potential interfer-
ence problems, the control port pins should remain static if no operation is required.
The control port operates in one of two modes: I²C or SPI.
Notes: MCLK must be applied during all I²C communication.
4.10.1
Memory Address Pointer (MAP)
The MAP byte precedes the control port register byte during a write operation and is not available again
until after a start condition is initiated. During a read operation the byte transmitted after the ACK will con-
tain the data of the register pointed to by the MAP (see sections 4.10.2a and 4.10.2b for write/read de-
tails).
76543
210
INCR
Reserved
Reserved
Reserved
MAP3
MAP2
MAP1
MAP0
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com