Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 12Page - Cirrus Logic CS42406 Datasheet HTML 13Page - Cirrus Logic CS42406 Datasheet HTML 14Page - Cirrus Logic CS42406 Datasheet HTML 15Page - Cirrus Logic CS42406 Datasheet HTML 16Page - Cirrus Logic CS42406 Datasheet HTML 17Page - Cirrus Logic CS42406 Datasheet HTML 18Page - Cirrus Logic CS42406 Datasheet HTML 19Page - Cirrus Logic CS42406 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
CS42406
16
DS614PP5
ADC DIGITAL FILTER RESPONSE The filter characteristics and the X-axis of the response plots
have been normalized to the sample rate (Fs) and can be referenced to the desired sample rate by multiplying the
given characteristic by Fs.
Note: 13. Response shown is for Fs equal to 48 kHz.
Parameter
Min
Typ
Max
Unit
Single-Speed Mode (4 kHz to 50 kHz sample rates)
Passband
to -0.1 dB corner
0
-
0.49
Fs
Passband Ripple
-
-
0.035
dB
Stopband
0.57
-
-
Fs
Stopband Attenuation
70
-
-
dB
Total Group Delay
-
12/Fs
-
s
Double-Speed Mode (50 kHz to 100 kHz sample rates)
Passband
to -0.1 dB corner
0
-
0.49
Fs
Passband Ripple
-
-
0.025
dB
Stopband
0.56
-
-
Fs
Stopband Attenuation
69
-
-
dB
Total Group Delay
-
9/Fs
-
s
Quad-Speed Mode (100 kHz to 200 kHz sample rates)
Passband
to -0.1 dB corner
0
-
0.26
Fs
Passband Ripple
-
-
0.025
dB
Stopband
0.50
-
-
Fs
Stopband Attenuation
60
-
-
dB
Total Group Delay
-
5/Fs
-
s
High Pass Filter Characteristics
Frequency Response
-3.0 dB
-0.13 dB
(Note 13)
-1
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 13)
-
10
-
Deg
Passband Ripple
-
-
0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com