Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 25Page - Cirrus Logic CS42406 Datasheet HTML 26Page - Cirrus Logic CS42406 Datasheet HTML 27Page - Cirrus Logic CS42406 Datasheet HTML 28Page - Cirrus Logic CS42406 Datasheet HTML 29Page - Cirrus Logic CS42406 Datasheet HTML 30Page - Cirrus Logic CS42406 Datasheet HTML 31Page - Cirrus Logic CS42406 Datasheet HTML 32Page - Cirrus Logic CS42406 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
CS42406
29
3.
TYPICAL CONNECTION DIAGRAM
33
VLS
GND
CS42406
MC LK
VA
AO U TA1
1
46
47
7, 9
0. 01 µ F
1 µF
+3. 3 V t o +5 V
15
10
14
SDIN1
2
DI F 1 / S CL/ CCLK
DI F 0 / S DA / CDI N
DA C_M0 / A D0/ C S
DA C_RS T
MU TEC 1
OPTI ON A L
MUTE
CIRCUIT
3. 3 µ F
0. 01 µ F
AO U TA1
C =
4
π Fs (R
560)
R L
+
+
21
22
DA C_F I L T+
DA C_V Q
13
17
DA C _ M1
3
D A C _LR C K
DAC_ S C LK
SDIN3
SDIN2
3. 3 µF
10 k
C
560
+
41
40
3. 3 µF
C
560
+
39
AO U TB1
R L
56 0
OP TI O N A L
MUTE
CIRCUIT
AO U TA3
R
3. 3 µF
10 k
C
560
+
28
30
3. 3 µF
10 k
C
560
+
29
AO U TB3
R LO A D
AO U TB1
0. 01 µF
3. 3 µF
AO U TA3
MU TE C 3
AO U TB3
VD
0. 01 µF
1 µF
GND
8
0. 01 µF
+1 . 8 V t o +5 V
VL C
0. 01 µ F
+1 . 8 V t o +5 V
R
LOAD + 5 6 0
+3. 3 V t o +5 V
32
4, 45
16
48
5. 1
*
* Re sisto r may on ly be
us ed if V D is der iv e d
f rom V A . If us ed, do not
driv e an y other logic
fr o m V D
GND
31
AD C _ M0
AD C _ M1
44
43
6
A D C _384x / 256x
AD C _ PD N
18
1 µF
0. 01 µ F
34
25
A DC_F I L T+
A DC_V Q
0. 01 µF
22 µF
12
11
5
A D C _LR C K
AD C _ SC LK
SD O U T
Analog I nput
Bu f f er
AINR
AI N L
26
24
** Pu ll- u p to V L S f o r I2S
Pu ll- do w n to GND f o r L J
VLS or G N D **
µ C /
Mode
C o nf ig urat io n
Dig it a l
Aud io
AO U TA2
R L
AO U TB2
R L
38
MU TE C 2
3. 3 µF
10 k
C
+
37
3. 3 µF
10 k
C
560
+
36
AO U TA2
AO U TB2
OP TI O N A L
MUTE
CIRCUIT
10 k
10 k
LOAD
LO A D
Figure 33. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com