Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 11Page - Cirrus Logic CS42406 Datasheet HTML 12Page - Cirrus Logic CS42406 Datasheet HTML 13Page - Cirrus Logic CS42406 Datasheet HTML 14Page - Cirrus Logic CS42406 Datasheet HTML 15Page - Cirrus Logic CS42406 Datasheet HTML 16Page - Cirrus Logic CS42406 Datasheet HTML 17Page - Cirrus Logic CS42406 Datasheet HTML 18Page - Cirrus Logic CS42406 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
CS42406
15
ADC ANALOG CHARACTERISTICS (CS42406-CQZ) (Continued)
Parameters
Min
Typ
Max
Units
Dynamic Performance for All Modes
Interchannel Isolation
-
90
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Error
-
-
±10
%
Gain Drift
-
±100
-
ppm/°C
Analog Input Characteristics
Full Scale Input Voltage
0.53•VA 0.56•VA 0.59•VA
Vpp
Input Impedance
18
-
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com