Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 16Page - Cirrus Logic CS42406 Datasheet HTML 17Page - Cirrus Logic CS42406 Datasheet HTML 18Page - Cirrus Logic CS42406 Datasheet HTML 19Page - Cirrus Logic CS42406 Datasheet HTML 20Page - Cirrus Logic CS42406 Datasheet HTML 21Page - Cirrus Logic CS42406 Datasheet HTML 22Page - Cirrus Logic CS42406 Datasheet HTML 23Page - Cirrus Logic CS42406 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
CS42406
20
DS614PP5
DIGITAL CHARACTERISTICS GND = 0 V; all voltages with respect to GND.
Parameters
Symbol
Min
Typ
Max
Units
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
High-Level Input Voltage
(% of VLS/VLC)
VIH
70%
-
-
V
Low-Level Input Voltage
(% of VLS/VLC)
VIL
--
13%
V
High-Level Output Voltage at Io = 100 µA
(% of VLS/VLC)
VOH
70%
-
-
V
Low-Level Output Voltage at Io =100 µA
(% of VLS/VLC)
VOL
--
15%
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com