Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 15Page - Cirrus Logic CS42406 Datasheet HTML 16Page - Cirrus Logic CS42406 Datasheet HTML 17Page - Cirrus Logic CS42406 Datasheet HTML 18Page - Cirrus Logic CS42406 Datasheet HTML 19Page - Cirrus Logic CS42406 Datasheet HTML 20Page - Cirrus Logic CS42406 Datasheet HTML 21Page - Cirrus Logic CS42406 Datasheet HTML 22Page - Cirrus Logic CS42406 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
CS42406
19
DC ELECTRICAL CHARACTERISTICS GND = 0 V; all voltages with respect to GND.
Notes: 14. Normal operation is defined as RST = HI with a 997 Hz, 0 dBFS digital input sampled at the highest Fs
for each speed mode, and open outputs, unless otherwise specified. Analog inputs are driven with a 1
kHz, -1 dBFS sine wave and sampled at the highest Fs for each speed mode.
15. IDT measured with no external loading on pin 14 (SDA).
16. Power Down Mode is defined as DAC_RST = LO, PDN_ADC = LO, with all clocks and data lines held
static.
17. Valid with the recommended capacitor values on FILT+ and VQ as shown in Figure 33.
Parameters
Symbol
Min
Typ
Max
Units
Normal Operation (Note 14)
Power Supply Current
VA = 5.0 V
VD, VLS, VLC = 5.0 V
VA = 3.3 V
VD, VLS, VLC = 3.3 V
(Note 15)
IA
IDT
IA
IDT
-
-
-
-
43
40
40
25
48
45
44
26
mA
mA
mA
mA
Power Dissipation
All Supplies = 5.0 V
All Supplies = 3.3 V
-
-
415
215
465
231
mW
mW
Power-down Mode (Note 16)
Power Supply Current
All Supplies = 5.0 V
All Supplies = 3.3 V
-
-
2
1
-
-
mA
mA
Power Dissipation
All Supplies = 5.0 V
All Supplies = 3.3 V
-
-
10
3.3
-
-
mW
mW
All Modes of Operation
Power Supply Rejection Ratio (Note 17)
1 kHz
PSRR
-
60
-
dB
VQ Nominal Voltage
Output Impedance
DAC_VQ
ADC_VQ
Maximum allowable DC current source/sink
-
-
-
-
0.5•VA
250
25
0.01
-
-
-
-
V
k
Ω
k
Ω
mA
Filt+ Nominal Voltage
-
VA
-
V
MUTEC Low-Level Output Voltage
-
0
-
V
MUTEC High-Level Output Voltage
-
VA
-
V
Maximum MUTEC Drive Current
-
3
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com