Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 29Page - Cirrus Logic CS42406 Datasheet HTML 30Page - Cirrus Logic CS42406 Datasheet HTML 31Page - Cirrus Logic CS42406 Datasheet HTML 32Page - Cirrus Logic CS42406 Datasheet HTML 33Page - Cirrus Logic CS42406 Datasheet HTML 34Page - Cirrus Logic CS42406 Datasheet HTML 35Page - Cirrus Logic CS42406 Datasheet HTML 36Page - Cirrus Logic CS42406 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
CS42406
33
4.3.1a
Stand Alone Mode
The desired format for the DAC serial port is selected via the DIF1 and DIF0 pins. For an illustration of the
required relationship between the DAC_LRCK, DAC_SCLK and SDINx, see Figures 28-30.
4.3.1b
Control Port Mode
The desired format for the DAC serial port is selected via the DIF2, DIF1 and DIF0 bits in the Mode Control
2 register (see section 6.1.2). For an illustration of the required relationship between DAC_LRCK,
DAC_SCLK and SDINx, see Figures 28-30.
4.3.2
ADC Serial Port
The CS42406 ADC serial port supports both I²S and Left Justified serial audio formats. Upon start-up, the CS42406
will detect the logic level on SDOUT. A 10 k
Ω pull-up resistor to VLS is needed to select I²S format, and a 10 kΩ
pull-down resistor to GND is needed to select Left Justified format. Please see Figures 28 and 29 for an illustration
of the required relationship between ADC_LRCK, ADC_SCLK, and SDOUT.
4.4
De-Emphasis Control
The CS42406 includes on-chip digital de-emphasis. Figure 35 shows the de-emphasis curve for Fs equal
to 44.1 kHz. The frequency response of the de-emphasis curve will scale proportionally with changes in
sample rate, Fs.
Notes: De-emphasis is only available in Single-Speed Mode.
4.4.1
Stand Alone Mode
The operational mode pins, DAC_M1 and DAC_M0, selects the 44.1 kHz de-emphasis filter. Please see
section 4.1.2a for the desired de-emphasis control.
4.4.2
Control Port Mode
The Mode Control bits selects either the 32, 44.1, or 48 kHz de-emphasis filter. Please see section 6.1.3
for the desired de-emphasis control.
DIF1
DIF0
DESCRIPTION
FORMAT
FIGURE
00
Left Justified, up to 24-bit Data
029
01
I²S, up to 24-bit Data
128
10
Right Justified, 16-bit Data
230
11
Right Justified, 24-bit Data
330
Table 6. DAC Digital Interface Format - Stand Alone Mode
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 35. De-Emphasis Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com