Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 10Page - Cirrus Logic CS42406 Datasheet HTML 11Page - Cirrus Logic CS42406 Datasheet HTML 12Page - Cirrus Logic CS42406 Datasheet HTML 13Page - Cirrus Logic CS42406 Datasheet HTML 14Page - Cirrus Logic CS42406 Datasheet HTML 15Page - Cirrus Logic CS42406 Datasheet HTML 16Page - Cirrus Logic CS42406 Datasheet HTML 17Page - Cirrus Logic CS42406 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
CS42406
14
DS614PP5
ADC ANALOG CHARACTERISTICS (CS42406-CQZ) Test conditions (unless otherwise
specified): Input test signal is a 1 kHz sine wave; measurement bandwidth is 10 Hz to 20 kHz.
Note: 12. Referred to the typical full-scale input voltage
Parameter
VA = 5.0 V
VA = 3.3 V
Min
Typ
Max
Min
Typ
Max
Unit
Single-Speed Mode
Fs = 48 kHz
Dynamic Range
unweighted
A-Weighted
96
99
102
105
-
-
93
96
99
102
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 12)
-1 dB
-20 dB
-60 dB
-
-
-
-98
-82
-42
-92
-
-
-
-
-
-95
-79
-39
-89
-
-
dB
dB
dB
Double-Speed Mode
Fs = 96 kHz
Dynamic Range
unweighted
A-Weighted
40 kHz Bandwidth
unweighted
96
99
-
102
105
99
-
-
-
93
96
-
99
102
96
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 12)
-1 dB
-20 dB
-60 dB
-
-
-
-98
-82
-42
-92
-
-
-
-
-
-95
-79
-39
-89
-
-
dB
dB
dB
Quad-Speed Mode
Fs = 192 kHz
Dynamic Range
unweighted
A-Weighted
40 kHz Bandwidth
unweighted
96
99
-
102
105
99
-
-
-
93
96
-
99
102
96
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 12)
-1 dB
-20 dB
-60 dB
-
-
-
-98
-82
-42
-92
-
-
-
-
-
-95
-79
-39
-89
-
-
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com