Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 37Page - Cirrus Logic CS42406 Datasheet HTML 38Page - Cirrus Logic CS42406 Datasheet HTML 39Page - Cirrus Logic CS42406 Datasheet HTML 40Page - Cirrus Logic CS42406 Datasheet HTML 41Page - Cirrus Logic CS42406 Datasheet HTML 42Page - Cirrus Logic CS42406 Datasheet HTML 43Page - Cirrus Logic CS42406 Datasheet HTML 44Page - Cirrus Logic CS42406 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
CS42406
41
6.
REGISTER DESCRIPTIONS
Note: All registers are read/write in I²C mode and write only in SPI, unless otherwise stated.
6.1
MODE CONTROL 1 (ADDRESS 01H)
6.1.1
AUTO-MUTE (AMUTE) BIT 7
Default = 1
0 - Disabled
1 - Enabled
Function:
The CS42406 DAC output will mute following the reception of 8192 consecutive audio samples of
static 0 or -1. A single sample of non-static data will release the mute. Detection and muting is done
independently for each channel. The quiescent voltage on the output will be retained and the Mute
Control pin will go active during the mute period. The muting function is affected, similar to volume
control changes, by the Soft and Zero Cross bits in the Power and Muting Control register.
6.1.2
DIGITAL INTERFACE FORMAT (DIF) BIT 6-4
Default = 000 - Format 0 (Left Justified, up to 24-bit data)
Function:
The required relationship between the DAC_LRCK, DAC_SCLK, and SDINx is defined by the Digital
Interface Format and the options are detailed in Figures 28-30.
76543
210
AMUTE
DIF2
DIF1
DIF0
DEM1
DEM0
FM1
FM0
10000
000
DIF2
DIF1
DIF0
DESCRIPTION
Format
FIGURE
000
Left Justified, up to 24-bit data
028
001
I²S, up to 24-bit data
129
010
Right Justified, 16-bit data
230
011
Right Justified, 24-bit data
330
100
Right Justified, 20-bit data
430
101
Right Justified, 18-bit data
530
110
Reserved
--
111
Reserved
--
Table 7. Digital Interface Formats - Control Port Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com