Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 4Page - Cirrus Logic CS42406 Datasheet HTML 5Page - Cirrus Logic CS42406 Datasheet HTML 6Page - Cirrus Logic CS42406 Datasheet HTML 7Page - Cirrus Logic CS42406 Datasheet HTML 8Page - Cirrus Logic CS42406 Datasheet HTML 9Page - Cirrus Logic CS42406 Datasheet HTML 10Page - Cirrus Logic CS42406 Datasheet HTML 11Page - Cirrus Logic CS42406 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
CS42406
8
DS614PP5
2
CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at typical supply voltages
and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS
(GND = 0 V, all voltages with respect to 0 V.)
Notes: 1. This part is specified at typical analog voltages of 3.3 V and 5.0 V. See
DAC Analog Characteristics
(CS42406-CQZ) and ADC Analog Characteristics (CS42406-CQZ) for details.
2. Nominal VD supply must be less than or equal to the nominal VA supply.
3. In 384x Mode for the ADC, Quad-Speed Slave Mode operation is limited to a nominal VA and VD of 5 V.
4. In 384x Mode for the ADC, Double-Speed & Quad-Speed Mode operation is limited to a minimum VL of
2.5 V
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V, All voltages with respect to ground.) (Note 7)
Notes: 5. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause SRC
latch-up.
6. The maximum over/under voltage is limited by the input current.
7. Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies
Analog (Note 3)
Digital (Note 2, 3)
Logic/Serial Interface (Note 4)
Control Port Interface
VA
VD
VLS
VLC
3.1
3.1
1.7
1.7
(Note 1)
3.3
3.3
3.3
5.25
5.25
5.25
5.25
V
V
V
V
Ambient Temperature
Commercial
-CQZ
TA
-10
-
+70
°C
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Analog
Digital
Serial Audio Interface (SAI)
Control Port Interface
VA
VD
VLS
VLC
-0.3
-0.3
-0.3
-0.3
+6.0
+6.0
+6.0
+6.0
V
V
V
V
Input Current
(Note 5)
Iin
-
±10
mA
Analog Input Voltage
(Note 6)
VIN
GND-0.7
VA+0.7
V
Digital Input Voltage(Note 6)
Serial Audio Data Interface
Control Port Interface
VIND_S
VIND_S
-0.3
-0.3
VLS+0.4
VLC+0.4
V
V
Ambient Operating Temperature (Power Applied)
TA
-50
+95
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com