Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42406 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS42406
Description  24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42406 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS42406 Datasheet HTML 40Page - Cirrus Logic CS42406 Datasheet HTML 41Page - Cirrus Logic CS42406 Datasheet HTML 42Page - Cirrus Logic CS42406 Datasheet HTML 43Page - Cirrus Logic CS42406 Datasheet HTML 44Page - Cirrus Logic CS42406 Datasheet HTML 45Page - Cirrus Logic CS42406 Datasheet HTML 46Page - Cirrus Logic CS42406 Datasheet HTML 47Page - Cirrus Logic CS42406 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
CS42406
44
DS614PP5
6.4
VOLUME CONTROL (ADDRESSES 06H - 0BH)
6.4.1
MUTE (MUTE) BIT 7
Default = 0
0 - Disabled
1 - Enabled
Function:
The CS42406 DAC output converter output will mute when enabled. The quiescent voltage on the
output will be retained. The muting function is affected, similar to attenuation changes, by the Soft and
Zero Cross bits. The MUTECx pins will go active during the mute period if the Mute function is enabled
for both channels in the pair.
6.4.2
DAC VOLUME CONTROL (XX_VOL) BIT 6-0
Default = 0
Function:
The Digital Volume Control registers allow independent control of the signal levels in 1 dB increments
from 0 to -119 dB. Volume settings are decoded as shown in Table 9. The volume changes are im-
plemented as dictated by the Soft Ramp and Zero Cross bits. All volume settings less than -119 dB
are equivalent to enabling the MUTE bit.
6.5
MODE CONTROL 2 (ADDRESS 0CH)
6.5.1
SOFT RAMP AND ZERO CROSS CONTROL (SZC) BIT 7-6
Default = 10
00 - Immediate Change
01 - Zero Cross
10 - Soft Ramp
11 - Soft Ramp and Zero Cross
Function:
Immediate Change
When Immediate Change is selected all level changes will be implemented immediately in one step.
76543
210
xx_MUTE
xx_VOL6
xx_VOL5
xx_VOL4
xx_VOL3
xx_VOL2
xx_VOL1
xx_VOL0
00000
000
Binary Code
Decimal Value
Volume Setting
0001010
10
-10 dB
0010100
20
-20 dB
0101000
40
-40 dB
0111100
60
-60 dB
1011010
90
-90 dB
Table 9. Example Digital Volume Settings
76543
210
SZC1
SZC0
CPEN
PDN
POPG
FREEZE
RESERVED
SNGLVOL
10011
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com