Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ACS70310 Datasheet HTML 1Page - Allegro MicroSystems ACS70310 Datasheet HTML 2Page - Allegro MicroSystems ACS70310 Datasheet HTML 3Page - Allegro MicroSystems ACS70310 Datasheet HTML 4Page - Allegro MicroSystems ACS70310 Datasheet HTML 5Page - Allegro MicroSystems ACS70310 Datasheet HTML 6Page - Allegro MicroSystems ACS70310 Datasheet HTML 7Page - Allegro MicroSystems ACS70310 Datasheet HTML 8Page - Allegro MicroSystems ACS70310 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
3
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Forward Supply Voltage
VCC
18
V
Reverse Supply Voltage
VRCC
TJ(max) should not be exceeded
–18
V
Forward Output Voltage
VOUT
VOUT < VCC + 2 V
16
V
Reverse Output Voltage
VROUT
Difference between VCC and output should not exceed 20 V
–6
V
Output Current
IOUT
Maximum survivable sink or source current on the output
10
mA
Operating Ambient Temperature
TA
L temperature range
–40 to 150
°C
Storage Temperature
Tstg
–65 to 165
°C
Maximum Junction Temperature
TJ(max)
165
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Test Conditions [2]
Value
Unit
Package Thermal Resistance
RθJA
On 1-layer PCB with exposed copper limited to solder pads
174
°C/W
[2]
Additional thermal information available on the Allegro website
Allowable PowerDissipation versusAmbient Temperature
20
40
60
80
100
120
140
160
180
Temperature, TA (°C)
0
300
400
200
100
600
500
800
700
900
(R
= 174
ºC/W
)
θJA
LOAD
BYPASS
GND
VOUT
ACS70310
VCC
VCC
C
C
(Recommended)
LOAD
R
Figure 2: Typical Application Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com