Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 24 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 24 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 19Page - Allegro MicroSystems ACS70310 Datasheet HTML 20Page - Allegro MicroSystems ACS70310 Datasheet HTML 21Page - Allegro MicroSystems ACS70310 Datasheet HTML 22Page - Allegro MicroSystems ACS70310 Datasheet HTML 23Page - Allegro MicroSystems ACS70310 Datasheet HTML 24Page - Allegro MicroSystems ACS70310 Datasheet HTML 25Page - Allegro MicroSystems ACS70310 Datasheet HTML 26Page - Allegro MicroSystems ACS70310 Datasheet HTML 27Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
24
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
For Reference Only - Not for Tooling Use
(Reference DWG-9202)
Dimensions in millimeters - NOT TO SCALE
Dimensions exclusive of mold flash, gate burs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
0.54 REF
0.54 REF
12.14 ±0.05
1.27 NOM
0.89 MAX
0.89 MAX
10°
A
B
C
D
E
Dambar removal protrusion (16X)
Gate and tie burr area
Molded Lead Bar for preventing damage to leads during shipment
Active Area Depth, 0.37 mm REF
Branding scale and appearance at supplier discretion
C
= Device part number
= Last two digits of year of manufacture
= Week of manufacture
N
Y
W
Standard Branding Reference View
F Hall element, not to scale
24
3
1
A
D
F
F
F
2.60
1.41
E
5.21+0.08
–0.05
5.21+0.08
–0.05
3.43+0.08
–0.05
0.41 +0.08
–0.05
1.50+0.08
–0.05
0.20+0.08
–0.05
1.00+0.08
–0.05
1.00+0.08
–0.05
Mold Ejector
Pin Indent
Branded
Face
B
NNNN
YYWW
PACKAGE OUTLINE DRAWING
Figure 22: Package KT, 4-Pin SIP, TN Leadform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com