Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 19 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 19 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 15Page - Allegro MicroSystems ACS70310 Datasheet HTML 16Page - Allegro MicroSystems ACS70310 Datasheet HTML 17Page - Allegro MicroSystems ACS70310 Datasheet HTML 18Page - Allegro MicroSystems ACS70310 Datasheet HTML 19Page - Allegro MicroSystems ACS70310 Datasheet HTML 20Page - Allegro MicroSystems ACS70310 Datasheet HTML 21Page - Allegro MicroSystems ACS70310 Datasheet HTML 22Page - Allegro MicroSystems ACS70310 Datasheet HTML 23Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
19
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Parameter
Description
Min.
Max.
tsclk
System clock period after trimming.
133 ns (7.5 MHz)
167 ns (6 MHz)
tbit
Bit time.
1 µs (1 MBd)
1 ms (1 kBd)
tDIS_TOP
OUT pin is disabled after raising VCC.
56 µs (512 × tsclk) 73.5 µs (514 × tsclk)
tOUTH_1ST_TOP
The OUT pin is either pulled high or low. No low-to-high transitions are allowed
after this MAX time except to start the Manchester command. This is for the 1st
Manchester command after raising VCC.
73.5 µs
123 µs
tCMD_1ST_TOP
Time required before the 1st Manchester command can be sent after raising VCC.
144 µs
n/a
tLOW
Time required to hold output low before the 1st Manchester edge.
1 µs
n/a
M Data
tLOW
tCMD_1ST_TOP
tOUTH_1ST_TOP
tDIS_TOP
switch point
VCC
Nominal
OUT
OUT is
active
Device stops
driving OUT
by here
OUT can be
pulled high or
low
Past this MAX
time OUT
cannot transition
Low to High
except to start
Manchester
OUT is
required to be
low before a
Manchester
command
Earliest time
for Manchester
command
Generic Timing
For initial portion of Manchester command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com