Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 2Page - Allegro MicroSystems ACS70310 Datasheet HTML 3Page - Allegro MicroSystems ACS70310 Datasheet HTML 4Page - Allegro MicroSystems ACS70310 Datasheet HTML 5Page - Allegro MicroSystems ACS70310 Datasheet HTML 6Page - Allegro MicroSystems ACS70310 Datasheet HTML 7Page - Allegro MicroSystems ACS70310 Datasheet HTML 8Page - Allegro MicroSystems ACS70310 Datasheet HTML 9Page - Allegro MicroSystems ACS70310 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
6
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
QUIESCENT OUTPUT VOLTAGE (VOUT(Q))
Number of Fine QVO Programming Bits QVO_FINE
–
9
–
bit
Quiescent Output Voltage [3]
VOUT(QU)
Unidirectional, TA = 25°C
0.495
0.5
0.505
V
VOUT(QBI)
Bidirectional, TA = 25°C
2.495
2.5
2.505
V
Average Quiescent Voltage Output
Programming Step Size [4]
VOUT(Q)Step TA = 25°C
–
1.18
–
mV
Average Quiescent Voltage Output
Temperature Compensation Step Size VOUT(Q)TCStep
–
VOUT(Q)Step
–
mV
SENSITIVITY (Sens)
Coarse Sensitivity Programming Bits [5] SENS_COARSE Readable by customer
–
2
–
bit
Fine Sensitivity Programming Bits
SENS_FINE
–
9
–
bit
Sensitivity Programming Range [6]
SensPR
SENS_COARSE = 0
0.5
–
1.2
mV/G
SENS_COARSE = 1
1.2
–
2.5
mV/G
SENS_COARSE = 2
2.5
–
5.5
mV/G
SENS_COARSE = 3
5.5
–
11.5
mV/G
Average Sensitivity Programming
Step Size
StepSENS
SENS_COARSE = 0
–
2.87
–
µV/G
SENS_COARSE = 1
–
6.06
–
µV/G
SENS_COARSE = 2
–
13.06
–
µV/G
SENS_COARSE = 3
–
27.1
–
µV/G
Average Sensitivity Temperature
Compensation Step Size
StepSENSTC TA = –40°C to 150°C
–
StepSENS
–
μV/G
SENSITIVITY ERROR
Factory Sensitivity Error
SensERR
TA = 25°C
–1
–
1
%
Sensitivity Drift Over Temperature
ΔSensTC
TA = 25°C to 150°C
–1
–
1
%
TA = –40°C to 25°C
–1.2
–
1.2
%
Sensitvity Non-Linearity Error [7]
LinERR
Measured at 400 G (1, 2.5, and 5 mV/G) or
200 G (10 mV/G)
–0.5
–
0.5
%
Sensitivity Ratiometry Error
RatERRSENS
VCC = 4.85 to 5.15 V
–0.55
–
0.55
%
QUIESCENT VOLTAGE OUTPUT ERROR
Factory Quiescent Voltage Output Error
VQVOERR
TA = 25°C
–5
–
5
mV
Quiescent Voltage Output
Temperature Error
VOUT(Q)TC
TA = 25°C to 150°C
–5
–
5
mV
TA = –40°C to 25°C
–5
–
5
mV
Quiescent Voltage Output Ratiometry Error VRatERRVOUT(Q) VCC = 4.85 to 5.15 V
–5
–
5
mV
LIFETIME
QVO Lifetime Drift
VQVOLife
TA = 25°C
–
0.8
–
mV
Sens Lifetime Drift
SensERR_Life TA = 25°C
–
0.5
–
%
[1]
Using small RL will increase output error; this error scales with output causing offset and symmetry error, i.e. using a RL = 4.7 kΩ will cause a 4 mV error due to the resis-
tor divider between the RL(pulldown) and the internal resistance of 4 Ω at 5 V output. Keep this in mind when sizing RL.
[2]
Overvoltage Detection was characterized on the bench.
[3]
Devices programed to the typical values are guaranteed to meet the VOUT(Q)TC spec.
[4]
This is an average and actual step can vary. For best results, check QVO after every retrim. Refer to the Quiescent Voltage Output Programming Resolution in the defini-
tion section.
[5]
Allegro guarantees limits of devices that remains within their factory programed SEN_COARSE and the corresponding SENSPR during customer programing.
[6]
Device performance is guaranteed within these ranges.
[7]
LinErr valid from 0 to ±2000 G, validated by characterization and design.
OPERATING CHARACTERISTICS (continued): Valid over full operating temperature range of TA, CBYPASS = 0.1 µF, and
VCC = 5 V, unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com