Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 5Page - Allegro MicroSystems ACS70310 Datasheet HTML 6Page - Allegro MicroSystems ACS70310 Datasheet HTML 7Page - Allegro MicroSystems ACS70310 Datasheet HTML 8Page - Allegro MicroSystems ACS70310 Datasheet HTML 9Page - Allegro MicroSystems ACS70310 Datasheet HTML 10Page - Allegro MicroSystems ACS70310 Datasheet HTML 11Page - Allegro MicroSystems ACS70310 Datasheet HTML 12Page - Allegro MicroSystems ACS70310 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
9
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Average Fine Sensitivity Programming Step
Size (StepSENS)
This the change is the fine sensitivity parameter per code of sensf
DAC. This value changes depending on SENS_COARSE. Keep
in mind that the over temperature performance of the device is
guaranteed only for the factory programed SENS_COARSE and
its associated SENSPR.
Sensitivity Programming Resolution
This resolution is equal to or less than 1/2 × StepSENS. If the
device is more than 1/2 × StepSENS but less than one StepSENS
away from a desired trim, then an additional step in the correct
direction will yield a resolution less than 1/2 × StepSENS.
Sensitivity Drift Through Temperature Range
(ΔSensTC )
Second-order sensitivity temperature coefficient effects cause the
magnetic sensitivity, Sens, to drift from its expected value over
the operating ambient temperature range (TA). The Sensitivity
Drift Through Temperature Range (∆SensTC) is defined as:
SensTA– SensEXPECTED(TA)
SensEXPECTED(TA)
∆SensTC =
×100% . (4)
Output Voltage Operating Range
The functional range for optimal performance of the device is
between 4.5 to 0.5 V output voltage while VCC = 5 V. The device
can respond to magnetic fields that cause the output to go beyond
these voltages, but parameters may not meet datasheet limits.
Sensitivity Non-Linearity Error (LinERR )
The ACS70310 is designed to provide a linear output in response
to a ramping applied magnetic field. LinERR is valid from 0 G
to ±2000 G input field while within the Output Voltage Operat-
ing Range. Consider two magnetic fields, B1 and B2. Ideally, the
sensitivity of a device is the same for both fields, for a given sup-
ply voltage and temperature. Linearity error is present when there
is a difference between the sensitivities measured at B1 and B2.
Linearity error is calculated separately for the positive SensBPOS2
(LinERRPOS) and negative (LinERRNEG) applied magnetic fields.
Linearity Error (%) is measured and defined as:
SensB(POS,NEG)2
SensB(POS,NEG)1
1–
LinERR(POS,NEG) =
×100%


(5)
where:
|VOUT(Bx) – VOUT(Q)|
Bx
SensBx =
,
(6)
and BPOSx and BNEGx are positive and negative magnetic
fields, with respect to the quiescent voltage output such that
|BPOS2| = 2 × |BPOS1| and |BNEG2| = 2 × |BNEG1|.
Then:
LinERR max(LinERRPOS , LinERRNEG )
=
.
(7)
Ratiometry Error (RatERR )
The ACS70310 device features a ratiometric output. This means
that the Quiescent Voltage Output (VOUT(Q)), magnetic sensitiv-
ity, Sens, and Output Voltage Clamp (VCLP(HIGH) and VCLP(LOW))
are proportional to the Supply Voltage (VCC). In other words,
when the supply voltage increases or decreases by a certain
percentage, each characteristic also increases or decreases by the
same percentage. Ratiometry Error is the difference between the
measured change in the supply voltage relative to 5 V, and the
measured change in each characteristic.
The ratiometric error in Quiescent Voltage Output,
RatERRVOUT(Q) (%), for a given supply voltage (VCC) is defined
as:
VOUT(QBI)(VCC)
VCC
1 –
RatERRVOUT(QBI) =
×100% .

VOUT(QBI)(5V)

5 V
(8)
RatERRVOUT(QU) is defined in the same way as RatERRVOUT(QBI)
with a factor of 1/5 multiplied.
This is to scale the ratiometry error of the unidirectional device so
that it can be compared with the bidirectional device.
The ratiometric error in magnetic sensitivity, RatERRSens (%), for
a given Supply Voltage (VCC) is defined as:
Sens(VCC) / Sens(5V)
VCC / 5 V
1–
RatERRSens =
×100% .


(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com