Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 15 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 11Page - Allegro MicroSystems ACS70310 Datasheet HTML 12Page - Allegro MicroSystems ACS70310 Datasheet HTML 13Page - Allegro MicroSystems ACS70310 Datasheet HTML 14Page - Allegro MicroSystems ACS70310 Datasheet HTML 15Page - Allegro MicroSystems ACS70310 Datasheet HTML 16Page - Allegro MicroSystems ACS70310 Datasheet HTML 17Page - Allegro MicroSystems ACS70310 Datasheet HTML 18Page - Allegro MicroSystems ACS70310 Datasheet HTML 19Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
15
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Memory-Locking Mechanisms
The ACS70310 is equipped with two distinct memory-locking
mechanisms:
• Default Lock: At power-up, all registers of the ACS70310
are locked by default. EEPROM and volatile memory cannot
be read or written. To disable Default Lock, a specific 32-bit
customer access code has to be written to address 0x36 within
Access Code Timeout (tACC = 10 ms) from power-up. After
doing so, registers can be accessed. If VCC is power-cycled,
the Default Lock will automatically be re-enabled. This
ensures that during normal operation, memory content will not
be altered due to unwanted glitches on VCC or the output pin.
• Lock Bit: After EEPROM has been programmed by the user,
the EELOCK bit can be set high and VCC power-cycled to
permanently disable the ability to read or write any register.
This will prevent the ability to disable Default Lock using
the method described above. Note that after the EELOCK
bit is set high and the VCC pin has been power-cycled, the
EELOCK bit can no longer be cleared and registers can no
longer be written to.
Serial Communication
The serial interface allows an external controller to read and
write registers, including EEPROM, in the ACS70310 using a
point-to-point command/acknowledge protocol. The ACS70310
does not initiate communication; it only responds to commands
from the external controller. Each transaction consists of a com-
mand from the controller. If the command is a write, there is no
acknowledging from the ACS70310. If the command is a read,
the ACS70310 responds by transmitting the requested data.
Serial interface timing parameters can be found in the Program-
ming Levels table (Table 1). Note that the external controller
must avoid sending a Command frame that overlaps a Read
Acknowledge frame.
The serial interface uses a Manchester-encoding-based protocol
per G.E. Thomas (0 = rising edge, 1 = falling edge), with address
and data transmitted MSB first. Four commands are recognized
by the ACS70310: Write Access Code, Write to Volatile Memory,
Write to Non-Volatile Memory (EEPROM) and Read. One frame
type, Read Acknowledge, is sent by the ACS70310 in response to
a Read command.
Synchronize
Bit boundaries
VMAN(L)
VMAN(H)
0 V
Memory Address
Data
CRC
Read/Write
0 0 0/1
0 0
0
1
0/1
Figure 12: General Format for Serial Interface Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com