Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 7Page - Allegro MicroSystems ACS70310 Datasheet HTML 8Page - Allegro MicroSystems ACS70310 Datasheet HTML 9Page - Allegro MicroSystems ACS70310 Datasheet HTML 10Page - Allegro MicroSystems ACS70310 Datasheet HTML 11Page - Allegro MicroSystems ACS70310 Datasheet HTML 12Page - Allegro MicroSystems ACS70310 Datasheet HTML 13Page - Allegro MicroSystems ACS70310 Datasheet HTML 14Page - Allegro MicroSystems ACS70310 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
11
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTIONS
Power-On Reset (POR)
The descriptions in this section assume: Temperature = 25°C, no
output load (RL, CL), and no significant magnetic field is present.
When the device is off, the output will be in a high-impedance
state.
Power-On
As VCC ramps up, the device output is in high impedance until
VCC reaches VPOR(H). As VCC rises above VPOR(H), the device’s
output leaves the high impedance state and enters normal operat-
ing mode.
Overvoltage Detection (VOVD)
When VCC is raised above the Overvoltage Detection enable volt-
age (VOVD(EN)), the ACS70310 output stage enters high imped-
ance. VOUT will float: to VCC with a pull-up RL, or to GND with
a pull-down RL, when VOVD(EN) is reached. When programing
the ACS70310, Overvoltage Detection must be active for com-
munication. The ACS70310 output will resume normal operation
after VCC is below the Overvoltage Detection disable voltage
VOVD(DIS). Note that Supply Voltage limits still apply for operat-
ing characteristic.
Power-Down
As VCC ramps down, the device output is active until VCC falls
below VPOR(L). As VCC falls below VPOR(L), the device’s output
will enter a high impedance state.
Power On/Off Profile
Figure 8 shows the analog output of a device at power on and
power off.
Figure 8: Power On/Off and Overvoltage Detection (OVD), no RL
VCC = C1 (yellow), VOUT = C2 (red), ICC = C4/10 (green)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com