Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS70310 Datasheet HTML 1Page - Allegro MicroSystems ACS70310 Datasheet HTML 2Page - Allegro MicroSystems ACS70310 Datasheet HTML 3Page - Allegro MicroSystems ACS70310 Datasheet HTML 4Page - Allegro MicroSystems ACS70310 Datasheet HTML 5Page - Allegro MicroSystems ACS70310 Datasheet HTML 6Page - Allegro MicroSystems ACS70310 Datasheet HTML 7Page - Allegro MicroSystems ACS70310 Datasheet HTML 8Page - Allegro MicroSystems ACS70310 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
2
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
SELECTION GUIDE
Part Number [1]
Factory-Programmed
Sensitivity (mV/G)
Programmable Sens
Range (mV/G)
TA (°C)
Package [2]
Packing [3]
ACS70310LKTATN-001B5-C
1
0.5 to 1.2
–40 to 150
4-pin SIP,
TN leadform
4000 pieces per 13-inch reel
ACS70310LKTATN-2P5B5-C
2.5
1.2 to 2.5
ACS70310LKTATN-005B5-C
5
2.5 to 5.5
ACS70310LKTATN-010B5-C
10
5.5 to 11.5
[1]
Characteristics are guaranteed within the sense programmable range of the corresponding part number.
[2]
TN, TG and TF package leadform options available.
[3]
Contact Allegro for additional packing options.
Programmability
F = Factory only
C = Customer programmable
Forward Supply Voltage Level
5 = 5 V
Directionality
B = Bidirectional
U = Unidirectional
Factory-Trimmed Sensitivity
001 = 1 mv/G
Package Leadform Option
TN
TF
TG
Package Designator
KTA = 4-pin mini SIP
Temperature Range
L = –40°C to 150°C
Allegro Part Number
ACS70310LKATN-001B5-C
environment.
Device parameters are specified across an extended ambient
automotive temperature range: –40°C to 150°C. The ACS70310
sensor IC is provided in an extremely thin case (1 mm thick), 4-pin
SIP (single in-line package, suffix KT) that is lead (Pb) free, with
100% matte-tin leadframe plating.
• Extremely low noise and high resolution achieved via
proprietary Hall element and low-noise amplifier circuits
• Patented circuits suppress IC output spiking during fast current
step inputs
• Wide selectable sensitivity range between 0.5 and 11.5 mV/G
• User-selectable ratiometric behavior of sensitivity, quiescent
voltage, and clamps (ratiometry can be disabled), for simple
interface with application A-to-D converter (ADC)
• Precise recoverability after temperature cycling
• Open circuit detection on ground pin (broken wire)
• Customer programmable Output Voltage Clamps provide short-
circuit diagnostic capabilities
• Wide ambient temperature range: –40°C to 150°C
• Immune to mechanical stress
• Extremely thin package: 1 mm case thickness
FEATURES AND BENEFITS (continued)
DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com