Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 23 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 23 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 19Page - Allegro MicroSystems ACS70310 Datasheet HTML 20Page - Allegro MicroSystems ACS70310 Datasheet HTML 21Page - Allegro MicroSystems ACS70310 Datasheet HTML 22Page - Allegro MicroSystems ACS70310 Datasheet HTML 23Page - Allegro MicroSystems ACS70310 Datasheet HTML 24Page - Allegro MicroSystems ACS70310 Datasheet HTML 25Page - Allegro MicroSystems ACS70310 Datasheet HTML 26Page - Allegro MicroSystems ACS70310 Datasheet HTML 27Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
23
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
EEPROM Error Checking and Correction (ECC)
Hamming code methodology is implemented for EEPROM
checking and correction. The device has ECC enabled after
power-up.
The device always returns 32 bits.
The message received from controller is analyzed by the device
EEPROM driver and ECC bits are added. The first 6 received bits
from device to controller are dedicated to ECC.
Detecting ECC Error
If an uncorrectable error has occurred, bits 27:26 are set to 10,
the VOUT pin will go to a high-impedance state, and the device
will not respond to the applied magnetic field.
EEPROM ECC Errors
Bits
Name
Description
31:28
–
No meaning
27:26
ECC
00 = No Error
01 = Error detected and message corrected
10 = Uncorrectable error
11 = No meaning
25:0
D[25:0]
EEPROM data
Table 2: Customer Memory Map
Address
Register Name
Parameter Name
Description
r/w
Bits
Location
0x4
scratch_c
customer_scratch
Unused area
RW
26
25:0
0x5
cust0_c
sensf
Sensitivity, fine adjustment
RW
9
8:0
qvof
Quiescent Output Voltage (QVO), fine adjustment
RW
9
17:9
sensc
Coarse Sensitivity
RW [1]
2
19:18
0x6
cust1_c
rat_dis
Ratiometry disable. Sens and VOUT(Q) are not
guaranteed if ratiometry is disabled.
RW
1
2
uni_en
Enables Unidirectional Output
RW
1
4
clamp_en
Clamp enable
RW
1
5
pol
Reverses output polarity
RW
1
6
dev_lock
Bit to lock the serial interface from receiving data
RW
1
7
0x29
status_c
customer_access
Customer write access enabled
RO
1
0
[1]
Overtemperature performance is no longer valid if this register is changed from factory default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com