Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS70310 Datasheet HTML 1Page - Allegro MicroSystems ACS70310 Datasheet HTML 2Page - Allegro MicroSystems ACS70310 Datasheet HTML 3Page - Allegro MicroSystems ACS70310 Datasheet HTML 4Page - Allegro MicroSystems ACS70310 Datasheet HTML 5Page - Allegro MicroSystems ACS70310 Datasheet HTML 6Page - Allegro MicroSystems ACS70310 Datasheet HTML 7Page - Allegro MicroSystems ACS70310 Datasheet HTML 8Page - Allegro MicroSystems ACS70310 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
The Allegro ACS70310 IC incorporates a Hall element with
BiCMOS integrated circuitry to provide a fully monolithic
linear current sensor IC. The IC is sensitive to magnetic flux
density orthogonal to the IC package surface and the output
is an analog voltage proportional to the applied flux density.
The ACS70310 is designed to be used in conjunction with a
ferromagnetic core to provide highly accurate current sensing.
Thegainandoffsetdriftovertemperatureisfactoryprogrammed
atAllegro and delivers a solution with 1% sensitivity and 5 mV
offset error from 25°C to 150°C.
TheACS70310iscustomerprogrammable. Theabsolutevalue
of gain and offset can be programmed after manufacturing to
provide customers industry-leading current sensor accuracy.
The sensor has a high operating bandwidth from DC to
240 kHz and a fast 2 µs response time. It is ideal for use in
high frequency automotive inverters and DC/DC converters
where fast switching is required.
Broken ground wire detection, clamps, power-on reset, and
overvoltage detection provide the required diagnostics for
safety-critical automotive applications.
Theon-boardsupplyregulatorenablesthesupplypintosurvive
voltages of ±18 V and the output pin to survive voltages of
+16 to –6 V for added robustness in the harsh automotive
ACS70310-DS, Rev. 1
MCO-0000617
• Factory-programmed segmented linear temperature
compensation (TC) provides ultralow thermal drift
□ Sensitivity ±1%
□ Offset ±5 mV
• On-board supply regulator with reverse-battery protection
provides high immunity to Electrical Overstress (EOS)
• Very fast response time (2 µs)
• High operating bandwidth: DC to 240 kHz
• AEC-Q100 Grade 0, automotive qualified
• Customer-programmable, high-resolution offset, and
sensitivity trim
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
Figure 1: Functional Block Diagram
ACS70310
FEATURES AND BENEFITS
DESCRIPTION
Regulator
Programming
Control
Charge Pump
Pulse Generator
Broken
Ground
Detection
Output
Clamps
Offset Control
Signal Recovery
Sensitivity Control
EEPROM and
Control Logic
Temperature
Sensor
Active Temp.
Compensation
GND
C
BYPASS
VCC
(Programming)
To all
subcircuits
Push/Pull
Output Driver
VOUT
(Programming)
C
L
Undervoltage
Detection
April 10, 2019
PACKAGE: 4-pin SIP (suffix KT)
Not to scale
TN Leadform
TF Leadform
TG Leadform
Continued on next page...
Continued on next page...


Similar Part No. - ACS70310

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS70331 ALLEGRO-ACS70331 Datasheet
1Mb / 26P
High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
ACS70331EESATR-005B3 ALLEGRO-ACS70331EESATR-005B3 Datasheet
1Mb / 26P
High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
ACS70331EESATR-005U3 ALLEGRO-ACS70331EESATR-005U3 Datasheet
1Mb / 26P
High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
ACS70331EESATR-2P5B3 ALLEGRO-ACS70331EESATR-2P5B3 Datasheet
1Mb / 26P
High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
ACS70331EESATR-2P5U3 ALLEGRO-ACS70331EESATR-2P5U3 Datasheet
1Mb / 26P
High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
More results

Similar Description - ACS70310

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
A1340 ALLEGRO-A1340 Datasheet
1Mb / 42P
High Precision Programmable Linear Hall Effect Sensor IC with EEPROM, Analog Output, and Advanced Output Linearization
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1363LU ALLEGRO-A1363LU Datasheet
2Mb / 29P
Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
ACS780 ALLEGRO-ACS780 Datasheet
1Mb / 24P
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
ACS781 ALLEGRO-ACS781 Datasheet
1Mb / 22P
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
logo
Allegro MicroSystems
ACS72981XLR ALLEGRO-ACS72981XLR Datasheet
3Mb / 45P
High-Precision Linear Hall-Effect-Based Current Sensor IC with 200 關廓 Current Conductor
ACS37612 ALLEGRO-ACS37612 Datasheet
2Mb / 22P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection and High Bandwidth (240 kHz)
ACS72981XLR ALLEGRO-ACS72981XLR_V01 Datasheet
3Mb / 54P
High-Precision Linear Hall-Effect-Based Current Sensor IC with 200 μΩ Current Conductor
Rev. 9 September 24, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com