Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 3Page - Allegro MicroSystems ACS70310 Datasheet HTML 4Page - Allegro MicroSystems ACS70310 Datasheet HTML 5Page - Allegro MicroSystems ACS70310 Datasheet HTML 6Page - Allegro MicroSystems ACS70310 Datasheet HTML 7Page - Allegro MicroSystems ACS70310 Datasheet HTML 8Page - Allegro MicroSystems ACS70310 Datasheet HTML 9Page - Allegro MicroSystems ACS70310 Datasheet HTML 10Page - Allegro MicroSystems ACS70310 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
7
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
CHARACTERISTIC DEFINITIONS
Power-On Time (tPO)
When the supply is ramped to its operating voltage, the device
requires a finite time to power its internal components before
responding to an input magnetic field.
Power-On Time (tPO ) is defined as: the time it takes for the out-
put voltage to settle within ±10% of its steady-state value under
an applied magnetic field, after the power supply has reached
its minimum specified operating voltage (VCC(min)) as shown in
Figure 4.
Temperature Compensation Power-On Time
(tTC)
After Power-On Time (tPO) elapses, tTC is also required before a
valid temperature compensated output.
Propagation Delay (tpd)
The time interval between a) when the applied magnetic field
reaches 20% of its final value, and b) when the output reaches
20% of its final value (see Figure 5).
Rise Time (tr)
The time interval between a) when the sensor IC reaches 10% of
its final value, and b) when it reaches 90% of its final value (see
Figure 2).
Response Time (tRESPONSE)
The time interval between a) when the applied magnetic field
reaches 90% of its final value, and b) when the sensor reaches
90% of its output corresponding to the applied magnetic field
(see Figure 6). The 90%-90% is also shown in the Electrical
Characteristics table and in the performance data.
Figure 4: Power-On Time Definition
Figure 5: Propagation Delay and Rise Time Definitions
Figure 6: Response Time Definition
V
+t
VCC
VCC(min)
VOUT
90% VOUT
0
t1= time at which power supply reaches
minimum specified operating voltage
t2= time at which output voltage settles
within ±10% of its steady-state value
under an applied magnetic field
t1
t2
tPO
VCC(typ)
Applied Magnetic Field
Transducer Output
90
10
20
0
(%)
Propagation Delay, tpd
Rise Time, tr
t
Applied Magnetic Field
Transducer Output
(90%-90%)
0
(%)
Response Time, tRESPONSE
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com