Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 5 Page - Allegro MicroSystems

  ACS70310 Datasheet HTML 1Page - Allegro MicroSystems ACS70310 Datasheet HTML 2Page - Allegro MicroSystems ACS70310 Datasheet HTML 3Page - Allegro MicroSystems ACS70310 Datasheet HTML 4Page - Allegro MicroSystems ACS70310 Datasheet HTML 5Page - Allegro MicroSystems ACS70310 Datasheet HTML 6Page - Allegro MicroSystems ACS70310 Datasheet HTML 7Page - Allegro MicroSystems ACS70310 Datasheet HTML 8Page - Allegro MicroSystems ACS70310 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
5
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS
Supply Voltage
VCC
4.5
5
5.5
V
Supply Current
ICC
No load on VOUT; VCC @ 4.5, 5, and 5.5 V
–
13
15
mA
Power-On Reset Voltage
VPOR(H)
TA = 25°C, VCC rising
3.7
3.9
4.3
V
VPOR(L)
TA = 25°C, VCC falling
3.2
3.4
3.75
V
Power-On Reset Hysteresis
VPOR(HYS)
TA = 25°C
440
500
560
mV
Power-On Reset Release Time
tPOR(R)
TA = 25°C, VCC rising
–
32
–
µs
Power-On Delay Time
tPO
TA = 25°C, CBYPASS = open, CL = 1 nF
–
80
–
µs
Temperature Compensation
Power-On Time
tTC
TA = 150°C, CBYPASS = open, CL = 1 nF,
Sens = 1 and 10 mV/G
–
146
–
µs
Supply Zener Clamp Voltage
Vz
TA = 25°C, ICC = 30 mA
18
20
–
V
OUTPUT CHARACTERISTICS
DC Output Resistance
ROUT
TA = 25°C
2
4
8
Ω
Output Load Resistance [1]
RL
VOUT to GND or VCC
4.7
10
–
kΩ
Output Load Capacitance
CL
VOUT to GND
–
–
5
nF
Output Voltage Saturation
VOUT(SATH)
TA = 25°C, RL = 10 kΩ to GND,
Bias = 400 G
4.75
4.8
–
V
VOUT(SATL)
TA = 25°C, RL = 10 kΩ to VCC,
Bias = 400 G
–
0.2
0.25
V
Output Voltage Clamp
VCLP(HIGH)
TA = 25°C, RL = 10 kΩ to GND,
Bias = 400 G
4.65
4.7
4.75
V
VCLP(LOW)
TA = 25°C, RL = 10 kΩ to VCC,
Bias = 400 G
0.25
0.3
0.36
V
Output Voltage with Broken GND
VBRK_DN
TA = 25°C, RL = 10 kΩ to GND, Pin 3 = NC
0
100
200
mV
VBRK_UP
TA = 25°C, RL = 10 kΩ to VCC (5 V), Pin 3 = NC
4.8
4.9
5
V
Overvoltage Detection [2]
VOVD(EN)
TA = 25°C
–
6.5
–
V
VOVD(DIS)
TA = 25°C
–
6
–
V
Noise
VIN
TA = 25°C, CL = 1 nF, Sens = 5 mV/G
–
1.4
–
mG/
√(Hz)
VON
TA = 25°C, Sens = 5 mV/G
–
3.5
–
mVRMS
Propagation Delay Time
tpd
TA = 25°C, 0.5 Fullscale = 1 V/(t < 750 ns),
CL = 0 nF, no RL
–
1.2
1.65
µs
Response Time
tRESPONSE
TA = 25°C, 0.5 Fullscale = 1 V/(t < 750 ns),
CL = 0 nF, no RL
–
2.1
3
µs
Rise Time
tr
TA = 25°C, 0.5 Fullscale = 1 V/(t < 750 ns),
CL = 0 nF, no RL
–
1.9
–
µs
Output Slew Rate
SR
TA = 25°C, 0.5 Fullscale = 1 V/(t < 750 ns),
CL = 0 nF, no RL
410
480
550
V/ms
Internal Bandwidth
BWi
Small signal –3 dB, CL = 1 nF, TA = 25°C;
Sens = 10 mV/G
–
240
–
kHz
Continued on the next page…
OPERATING CHARACTERISTICS: Valid over full operating temperature range of TA, CBYPASS = 0.1 µF, and VCC = 5 V,
unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com