Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 20 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 20 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 16Page - Allegro MicroSystems ACS70310 Datasheet HTML 17Page - Allegro MicroSystems ACS70310 Datasheet HTML 18Page - Allegro MicroSystems ACS70310 Datasheet HTML 19Page - Allegro MicroSystems ACS70310 Datasheet HTML 20Page - Allegro MicroSystems ACS70310 Datasheet HTML 21Page - Allegro MicroSystems ACS70310 Datasheet HTML 22Page - Allegro MicroSystems ACS70310 Datasheet HTML 23Page - Allegro MicroSystems ACS70310 Datasheet HTML 24Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
20
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Parameter
Description
Min.
Max.
tsclk
System clock period after trimming.
133 ns (7.5 MHz)
167 ns (6 MHz)
tbit
Bit time.
1 µs (1 MBd)
1 ms (1 kBd)
tACK_EN
Time for the device to drive OUT after Manchester command. Host must stop driving
OUT within this time.
2 × tbit
2 × tbit
tEE_WR
During this time the device is writing the EEPROM
–
–
tEE_ACK
Device will drive OUT low during this time
1 × tbit
1 × tbit
tOUTH
The OUT pin is either pulled high or low. No low-to-high transitions are allowed after this
MAX time except to start the next Manchester command.
0
1.8 × tbit
tCMD_EE
Time before the next Manchester command may be given following a write to EEPROM.
2.2 × tbit
n/a
tLOW
Time required to hold output low before the 1st Manchester edge.
1 µs
n/a
M Data
tLOW
VCC or
comm_en
OUT
OUT can be
pulled high or
low
Past this MAX
time OUT
cannot transition
Low to High
except to start
Manchester
OUT is
required to be
low before a
Manchester
command
Earliest time
for Manchester
command
Write to EEPROM
If VCC is held up at the programming voltage,
multiple Manchester commands can be executed.
M Data
Device
drives low
for ACK
EEPROM
write
complete
Host stops
driving OUT
by here
Manchester
command to write
EEPROM
tEE_WR
tACK_EN
tEE_ACK
tOUTH
tCMD_EE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com