Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 17 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 17 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 13Page - Allegro MicroSystems ACS70310 Datasheet HTML 14Page - Allegro MicroSystems ACS70310 Datasheet HTML 15Page - Allegro MicroSystems ACS70310 Datasheet HTML 16Page - Allegro MicroSystems ACS70310 Datasheet HTML 17Page - Allegro MicroSystems ACS70310 Datasheet HTML 18Page - Allegro MicroSystems ACS70310 Datasheet HTML 19Page - Allegro MicroSystems ACS70310 Datasheet HTML 20Page - Allegro MicroSystems ACS70310 Datasheet HTML 21Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
17
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Table 1: Programming Parameters, CBYPASS = 0.1 µF, VCC = 5 V
Characteristics
Symbol
Note
Min.
Typ.
Max.
Unit
Program Enable Voltage (High)
VprgH
Program enable signal high level on VCC
–
9.2
–
V
Program Enable Voltage (Low)
VprgL
Program enable signal low level on VCC
–
6.5
–
V
Output Enable Delay
te
External capacitance (CLX) on VOUT may
increase the Output Enable Delay
–
125
–
µs
Program Time Delay
td
–
74
–
µs
Program Write Delay
tw
–
20
–
ms
Manchester High Voltage
VMAN(H) Data pulses on VOUT
4
5
VCC
V
Manchester Low Voltage
VMAN(L)
Data pulses on VOUT
0
–
1
V
Bit Rate
tBITR
Communication rate
1
30
100
kbps
Bit Time
tBIT
Data bit pulse width at 30 kbps
–
(33)
–
µs
Access Code Timeout
tACC
10
ms
VOUT (Output)
VOUT (Input)
External Control
VCC
V
prgH
High Z
Access Code
High Z
High Z
Normal
Output
Normal
Output
V
prgL
5 V
5 V
0 V
0 V
t
d
t
e
Figure 14: Write Access Code
Figure 15: Write Volatile Memory
VOUT (Output)
VOUT (Input)
External Control
VCC
V
prgH
High Z
High Z
High Z
Normal
Output
Normal
Output
V
prgL
5 V
5 V
0 V
0 V
t
d
t
e
Data
Write
Command
Figure 16: Write Non-Volatile Memory
VOUT (Output)
VOUT (Input)
External Control
VCC
V
prgH
High Z
High Z
High Z
Normal
Output
Normal
Output
V
prgL
5 V
5 V
0 V
0 V
t
d
t
e
Data
Write
Command
t
w
t
d
VCC
Figure 17: Read
VOUT (Output)
VOUT (Input)
External Control
VCC
V
prgH
High Z
High Z
High Z
Normal
Output
Normal
Output
V
prgL
5 V
5 V
0 V
0 V
t
d
t
e
Data
Read
Command
t
d
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com