Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 12Page - Allegro MicroSystems ACS70310 Datasheet HTML 13Page - Allegro MicroSystems ACS70310 Datasheet HTML 14Page - Allegro MicroSystems ACS70310 Datasheet HTML 15Page - Allegro MicroSystems ACS70310 Datasheet HTML 16Page - Allegro MicroSystems ACS70310 Datasheet HTML 17Page - Allegro MicroSystems ACS70310 Datasheet HTML 18Page - Allegro MicroSystems ACS70310 Datasheet HTML 19Page - Allegro MicroSystems ACS70310 Datasheet HTML 20Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
16
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
The ACS70310 device uses a three-wire programming interface,
where VCC is used to control the program enable signal, data
is transmitted on VOUT, and all signals are referenced to GND.
This three-wire interface makes it possible to communicate with
multiple devices with shared VCC and GND lines.
The four transactions (Write Access, Write to EEPROM, Write
to Volatile Memory, and Read) are show in the figures on the
following pages. To initialize any communication, VCC should
be increased to a level above VprgH(min) without exceeding
VprgH(max). At this time, VOUT is disabled and acts as an input.
After program enable is asserted, the external controller must
drive the output low in a time less than td. This prevents the
device interpreting any false transients on VOUT as data pulses.
After the command is completed, VCC is reduced below VprgL,
back to normal operating level. Also, the output is enabled and
responds to magnetic input.
When performing a Write to EEPROM transaction, the
ACS70310 requires a delay of tw to store the data into the
EEPROM. The device will respond with a high-to-low transition
on VOUT to indicate the Write to EEPROM sequence is com-
plete.
When sending multiple command frames, it is not necessary to
toggle the program enable signal on VCC. After the first com-
mand frame is completed, and VCC remains at VprgH, the device
will ignore any subsequent pulses on the output. When the pro-
gram enable signal is brought below VprgL(max), the output will
respond to the magnetic input.
Synchronize
MSB
MSB
Memory Address
Data
CRC
Read/Write
0 0 0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1
0/1
0/1
. . .
0/1 0/1
Figure 13: Command Frame General Format
Quantity of Bits
Name
Values
Description
2
Synchronization
00
Used to identify the beginning of a serial interface command
1
Read / Write
0
[As required] Write operation
1
[As required] Read operation
6
Address
0/1
[Read/Write] Register address (volatile memory or EEPROM)
32
Data
0/1
26 data bits and 6 ECC bits. For a read command frame the data consists of 32 bits: [31:28]
Don’t Care, [27:26] ECC Pass/Fail, and [25:0] Data. Where bit 0 is the LSB. For a write
command frame the data consists of 32 bits: [31:26] Don’t Care and [25:0] Data. Where bit 0 is
the LSB.
3
CRC
0/1
Bits to check the validity of frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com