Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 6Page - Allegro MicroSystems ACS70310 Datasheet HTML 7Page - Allegro MicroSystems ACS70310 Datasheet HTML 8Page - Allegro MicroSystems ACS70310 Datasheet HTML 9Page - Allegro MicroSystems ACS70310 Datasheet HTML 10Page - Allegro MicroSystems ACS70310 Datasheet HTML 11Page - Allegro MicroSystems ACS70310 Datasheet HTML 12Page - Allegro MicroSystems ACS70310 Datasheet HTML 13Page - Allegro MicroSystems ACS70310 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
10
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Power-On Reset Voltage (VPOR)
On power-up, to initialize to a known state and avoid current
spikes, the ACS70310 is held in a reset state. The reset signal is
disabled when VCC reaches VPORH and time tPORR has elapsed,
allowing the output voltage to go from a high-impedance state
into normal operation. During power-down, the reset signal is
enabled when VCC reaches VPORL, causing the output voltage to
go into a high-impedance state. (Note that a detailed description
of POR can be found in the Functional Description section).
Power-On Reset Release Time (tPORR)
When VCC rises to VPORH, the Power-On Reset counter starts.
The ACS70310 output voltage will transition from a high-imped-
ance state to normal operation only when the Power-On Reset
Counter has reached tPORR and VCC has been maintained above
VPORH.
Output Saturation Voltage (VSAT)
When output voltage clamps are disabled, the output voltage
can swing to a maximum of VSAT(HIGH) and to a minimum of
VSAT(LOW) .
Broken Wire Voltage (VBRK)
If the GND pin is disconnected (broken wire event), the output
voltage will go to VBRK(HIGH) (if a load resistor is connected to
VCC) or to VBRK(LOW) (if a load resistor is connected to GND).
Mold Ejector
Pin Indent
Branded
Face
Magnetic Flux
Direction Causing the
Output to Increase
Figure 7: Magnetic Flux Polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com