Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 25 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 25 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 19Page - Allegro MicroSystems ACS70310 Datasheet HTML 20Page - Allegro MicroSystems ACS70310 Datasheet HTML 21Page - Allegro MicroSystems ACS70310 Datasheet HTML 22Page - Allegro MicroSystems ACS70310 Datasheet HTML 23Page - Allegro MicroSystems ACS70310 Datasheet HTML 24Page - Allegro MicroSystems ACS70310 Datasheet HTML 25Page - Allegro MicroSystems ACS70310 Datasheet HTML 26Page - Allegro MicroSystems ACS70310 Datasheet HTML 27Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
25
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Figure 23: Package KT, 4-Pin SIP, TF Leadform
NOTES:
1) LEAD TRIM AND FORMING OPERATIONS PERFORMED ON
ALLEGRO SUPPLIED MATERIAL.
2) FOR DIMENSIONS AND TOLERANCING ON SUPPLIED
DEVICES, REFER TO ALLEGRO DWG-9202.
3) TRUE POSITION AND PROFILE TOLERANCE APPLIES ALONG
EACH LEAD IN A ZONE STARTING FROM THE LEAD TIP AND
ENDING NO MORE THAN 10 mm IN FROM THE TIP.
R.20 (4×)
A
(3.43)
(5.21)
(9.33)
(9.54)
LEADS PRIOR
TO BENDING
PIN 1
ACTIVE
SURFACE
4.5
2.4
C
B
1
C
2
B
1
A
2
A
1
B
3
A
0.6
2.35
2.35
A
A
B
B
0.4
C
(4×) SEE NOTE 3
1.97
3.24
0.70
4.51
0.41
PIN 1
PIN 2
PIN 4
PIN 3
SECTION A-A
(PINS 1 AND 4)
SCALE 5:1
5.49
4.30
91.3° ± 1.0°
A
B (REF)
0.20
A
B
0.2
D
(PIN 1) SEE NOTE 3
(PIN 4) SEE NOTE 3
D
SECTION B-B
(PINS 2 AND 3)
SCALE 5:1
5.49
A
91.3° ± 1.0°
4.30
B
0.15 E
(PIN 3) SEE NOTE 3
0.20
A
B
E
(PIN 2) SEE NOTE 3
(REF)
METRIC TOLERANCES
X
± 10%
X.X
± 0.25
X.XX
± 0.10
X.XXX ± 0.025
ANGULAR ± 0.5°
ALL SURFACES TO BE 32 µin
(0.80 µm) OR BETTER
BREAK ALL SHARP EDGES 0.015"
× 0.015" (0.4 mm × 0.4 mm)
HOLD ALL DIMS AFTER
PLATING
REFERENCE DWG-0000425
0.762
5.2
0.508
4.7
PCB LAYOUT REFERENCE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com