Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 18 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 18 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 14Page - Allegro MicroSystems ACS70310 Datasheet HTML 15Page - Allegro MicroSystems ACS70310 Datasheet HTML 16Page - Allegro MicroSystems ACS70310 Datasheet HTML 17Page - Allegro MicroSystems ACS70310 Datasheet HTML 18Page - Allegro MicroSystems ACS70310 Datasheet HTML 19Page - Allegro MicroSystems ACS70310 Datasheet HTML 20Page - Allegro MicroSystems ACS70310 Datasheet HTML 21Page - Allegro MicroSystems ACS70310 Datasheet HTML 22Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
18
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
MANCHESTER COMMUNICATION
tbit
Sync Write
MSB
Manchester
Stream
Addr
Data
CRC
Manchester Write Command
0
0
0
Addr
CRC
Manchester
Stream
tbit
Sync Read
MSB
Manchester Read Command
0
0
1
Command Format
Write Command
Sync R/W
Address
(6 bits)
Data
(32 bits)
CRC
Bit Boundaries
0 0 0 0 1 1 0 0 0 0 1 0 1 0 1 1 1 1
0 0 1 0 1
Read Command
Read Acknowledge
Sync R/W
Address
(6 bits)
CRC
Sync
CRC
Data
(32 bits)
0
0
1
0
1
1
0
0
0
0
1
0
0
0
0
1
0
1
0
1
1
1
1
0
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com