Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 22 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 22 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 18Page - Allegro MicroSystems ACS70310 Datasheet HTML 19Page - Allegro MicroSystems ACS70310 Datasheet HTML 20Page - Allegro MicroSystems ACS70310 Datasheet HTML 21Page - Allegro MicroSystems ACS70310 Datasheet HTML 22Page - Allegro MicroSystems ACS70310 Datasheet HTML 23Page - Allegro MicroSystems ACS70310 Datasheet HTML 24Page - Allegro MicroSystems ACS70310 Datasheet HTML 25Page - Allegro MicroSystems ACS70310 Datasheet HTML 26Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
22
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Read (Controller to ACS70310)
The fields for the Read command are:
• Sync (2 zero bits)
• Read/Write (1 bit, must be 1 for read)
• CRC (3 bits)
Figure 18 shows the sequence for a Read command.
Synchronize
MSB
Memory Address
CRC
Read/Write
0 0 1 0/1 0/1 0/1 0/1 0/1 0/1
0/1
0/1 0/1
Figure 18: Read Sequence
Read Acknowledge (ACS70310 to Controller)
The fields for the data return frame are:
• Sync (2 zero bits)
• Data (32 bits):
□ [31:28] Don’t Care
□ [27:26] ECC Pass/Fail
□ [25:0] Data
Figure 19 shows the sequence for a Read Acknowledge. Refer to
the Detecting ECC Error section for instructions on how to detect
Read/Write Synchronize Memory Address Data (32 bits) and
ECC failure.
Synchronize
MSB
Data
(32 bits)
CRC
0 0 0/1 0/1 0/1 0/1
0/1 0/1
0/1
. . .
0/1 0/1
Figure 19: Read Acknowledgement Sequence
Write (Controller to ACS70310)
The fields for the Write command are:
• Sync (2 zero bits)
• Read/Write (1 bit, must be 0 for write)
• Address (6 bits)
• Data (32 bits):
□ [31:26] Don’t Care
□ [25:0] Data
• CRC (3 bits)
Figure 20 shows the sequence for a Write command. Bits [31:26]
are Don’t Care because the ACS70310 automatically generates 6
ECC bits based on the content of bits [25:0]. These ECC bits will
be stored in EEPROM at locations [31:26].
Synchronize
MSB
MSB
Memory Address
Data
(32 bits)
CRC
Read/Write
0 0 0 0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1
0/1
0/1
. . .
0/1 0/1
Figure 20: Write Sequence
Write Access Code (Controller to ACS70310)
The fields for the Access Code command are:
• Sync (2 zero bits)
• Read/Write (1 bit, must be 0 for write)
• Address (6 bits, address 0x36 for Customer Access)
• Data (32 bits, 0xC4136737 for Customer Access)
• CRC (3 bits)
Figure 21 shows the sequence for an Access Code command.
Synchronize
MSB
MSB
Memory Address
Data
(32 bits)
CRC
Read/Write
0 0 0 1 0 0 1 0 0 0/1 0/1 0/1
0/1
0/1
. . .
0/1 0/1
Figure 21: Write Access Code
The controller must open the serial communication with the
ACS70310 device by sending an Access Code. It must be sent
within Access Code Timeout, tACC, from power-up, or the device
will be disabled for read and write access.
Access Codes Information
Name
Serial Interface Format
Register Address
(Hex)
Data (Hex)
Customer
0x36
0xC4136737



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com