Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS70310 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ACS70310
Description  Very High Precision, Programmable Linear Hall-Effect Sensor IC with Reverse Battery Protection and High-Bandwidth (240 kHz) Analog Output for Core-Based Current Sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS70310 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ACS70310 Datasheet HTML 4Page - Allegro MicroSystems ACS70310 Datasheet HTML 5Page - Allegro MicroSystems ACS70310 Datasheet HTML 6Page - Allegro MicroSystems ACS70310 Datasheet HTML 7Page - Allegro MicroSystems ACS70310 Datasheet HTML 8Page - Allegro MicroSystems ACS70310 Datasheet HTML 9Page - Allegro MicroSystems ACS70310 Datasheet HTML 10Page - Allegro MicroSystems ACS70310 Datasheet HTML 11Page - Allegro MicroSystems ACS70310 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Very High Precision, Programmable Linear Hall-Effect Sensor IC
with Reverse Battery Protection and High-Bandwidth (240 kHz)
Analog Output for Core-Based Current Sensing
ACS70310
8
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Quiescent Voltage Output (VOUT(QU/BI))
In the quiescent state (no significant magnetic field: B = 0 G), the
output (VOUT(QU/BI)) has a constant ratio to the supply voltage
(VCC) throughout the entire operating ranges of VCC and ambi-
ent temperature (TA). U and BI correspond to unidirectional or
bidirectional mode.
Before any programming, the Quiescent Voltage Output
(VOUT(Q)) has a nominal value of VCC /2 for a bidirectional
device and 0.5 V for unidirectional parts with a VCC of 5 V.
Quiescent Voltage Output Programming Range
The Quiescent Voltage Output (VOUT(Q)) can be programmed
within the Quiescent Voltage Output limits. Exceeding the speci-
fied Quiescent Voltage Output limits will cause Quiescent Volt-
age Output Drift Through Temperature Range (ΔVOUT(Q)TC) to
deteriorate beyond the specified values.
Average Quiescent Voltage Output Program-
ming Step Size (StepVOUT(Q))
The Average Quiescent Voltage Output Progamming Step Size
(StepVOUT(Q)) is determined using the following calculation:
VOUT(Q)maxcode – VOUT(Q)mincode
2n – 1
VOUT(Q)Step =
,
(1)
where n is the number of available programming bits in the trim
range, 9 bits, VOUT(Q)maxcode is at decimal code 255, and
VOUT(Q)mincode is at decimal code 256.
Quiescent Voltage Output Programming
Resolution
The programming resolution for any device is half of its pro-
gramming step size.
The step size of each bit can vary. For best accuracy, check VOUT
after every trim. The devices DAC performance is screened and
accounted in the factory-standard trim, but becomes a possible
source of error if the devices is reprogramed beyond the Qui-
escent Voltage Output; programming beyond this range causes
VOUT(Q)TC to be invalid.
Quiescent Voltage Output Drift Through
Temperature Range (VOUT(Q)TC)
Due to internal component tolerances and thermal consider-
ations, the Quiescent Voltage Output (VOUT(Q)) may drift from its
nominal value through the operating ambient temperature (TA).
The Quiescent Voltage Output Drift Through Temperature Range
(ΔVOUT(Q)TC) is defined as:
DVOUT(Q)TC = VOUT(Q)(TA) – VOUT(Q)EXPECTED(TA)
(2)
∆VOUT(Q)TC should be calculated using the actual measured
values of ∆VOUT(Q)(TA) and ∆VOUT(Q)EXPECTED(TA) rather than
programming target values.
Sensitivity (Sens)
The presence of a south polarity magnetic field, perpendicular
to the branded surface of the package face, increases the output
voltage from its quiescent value toward the supply voltage rail.
The amount of the output voltage increase is proportional to the
magnitude of the magnetic field applied.
Conversely, the application of a north polarity field decreases the
output voltage from its quiescent value. This proportionality is
specified as the magnetic sensitivity, Sens (mv/G), of the device,
and it is defined as:
Sens
=
,
V– V
OUT(BPOS)
OUT(BNEG)
BPOS – BNEG
(3)
where BPOS and BNEG are two magnetic fields with opposite
polarities.
Initial Factory-Programmed Sensitivity
Before any programming, Sensitivity has a nominal value that
depends on the SENS_COARSE bits setting. Each ACS70310
variant has a different SENS_COARSE setting. The parts TC per-
formance is guaranteed if the SENS_COARSE bit is in its default
factory value and within the Sensitivity Programing Range cor-
responding to the SENS_COARSE bit.
Sensitivity Programming Range (SensPR)
The magnetic sensitivity (Sens) can be programmed around its
initial value within the sensitivity range limits: SensPR(min) and
SensPR(max). Exceeding the specified Sensitivity Range will
cause Sensitivity Drift Through Temperature Range (ΔSensTC) to
deteriorate beyond the specified values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com