Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 53 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 49Page - STMicroelectronics STV82X7DSXT Datasheet HTML 50Page - STMicroelectronics STV82X7DSXT Datasheet HTML 51Page - STMicroelectronics STV82X7DSXT Datasheet HTML 52Page - STMicroelectronics STV82X7DSXT Datasheet HTML 53Page - STMicroelectronics STV82X7DSXT Datasheet HTML 54Page - STMicroelectronics STV82X7DSXT Datasheet HTML 55Page - STMicroelectronics STV82X7DSXT Datasheet HTML 56Page - STMicroelectronics STV82X7DSXT Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 149 page
background image
53/149
STV82x7
Register List
SVC_HP_TIME_TH
C1h
1001 1000
SVC_HP_TIME[2:0]
SVC_HP_THRESHOLD[4:0]
SVC_LS_GAIN
C2h
0000 0000
0
0
0
SVC_LS_MAKE_UP_GAIN[4:0]
SVC_HP_GAIN
C3h
0000 0000
0
0
0
SVC_HP_MAKE_UP_GAIN[4:0]
STSRND_CONTROL
C4h
0000 0000
STSRND_
STEREO
STSRND_
MODE
STSRND_
ON
STSRND_FREQ
C5h
0001 0101
0
0
STSRND_BASS[1:0]
STSRND_MEDIUM[1:0]
STSRND_TREBLE[1:0]
STSRND_LEVEL
C6h
1000 0000
STSRND_GAIN[7:0]
OMNISURROUND_CONTROL
C7h
0000 0000
ST_VOICE
OMNISRND_INPUT_MODE
OMNISRND_
ON
ST_DYNAMIC_BASS
C8h
0000 0000
BASS_LEVEL
BASS_FREQ
DYN_BASS_
ON
LS_EQ_BT_CTRL
C9h
0000 0000
0
0
0
0
0
0
LS_EQ_BT_
SW
LS_EQ_ON
LS_EQ_BAND1
CAh
0000 0000
EQ_BAND1[7:0] (S)
LS_EQ_BAND2
CBh
0000 0000
EQ_BAND2[7:0] (S)
LS_EQ_BAND3
CCh
0000 0000
EQ_BAND3[7:0] (S)
LS_EQ_BAND4
CDh
0000 0000
EQ_BAND4[7:0] (S)
LS_EQ_BAND5
CEh
0000 0000
EQ_BAND5[7:0] (S)
LS_BASS_GAIN
CFh
0000 0000
LS_BASS[7:0] (S)
LS_TREBLE_GAIN
D0h
0000 0000
LS_TREBLE[7:0] (S)
HP_BT_CONTROL
D1h
0000 0000
0
0
0
0
0
0
0
HP_BT_ON
HP_BASS_GAIN
D2h
0000 0000
HP_BASS[7:0] (S)
HP_TREBLE_GAIN
D3h
0000 0000
HP_TREBLE[7:0] (S)
OUTPUT_BASS_MNGT
D4h
0000 0000
BASS_
MANAGE_ON
0
SUB_
ACTIVE
GAIN_
SWITCH
0
OCFG_NUM[2:0]
LS_LOUDNESS
D5h
0000 0100
0
LS_LOUD_THRESHOLD[2:0]
LS_LOUD_GAIN_HR[2:0]
LS_
LOUD_ON
HP_LOUDNESS
D6h
0000 0100
0
HP_LOUD_THRESHOLD[2:0]
HP_LOUD_GAIN_HR[2:0]
HP_
LOUD_ON
Volume
VOLUME_MODES
D7h
1100 0111
ANTCLIP_HP
_VOL_CLAMP
ANTICLIP_
LS_VOL_
CLAMP
00
SCART_
VOLUME_
MODE
SRND_
VOLUME_
MODE
HP_
VOLUME_
MODE
LS_
VOLUME_
MODE
LS_L_VOLUME_MSB
D8h
1001 1000
LS_L_VOLUME_MSB[7:0]
LS_L_VOLUME_LSB
D9h
0000 0000
0
0
0
0
0
0
LS_L_VOLUME_LSB[1:0]
LS_R_VOLUME_MSB
DAh
0000 0000
LS_R_VOLUME_MSB[7:0]
LS_R_VOLUME_LSB
DBh
0000 0000
0
0
0
0
0
0
LS_R_VOLUME_LSB[1:0]
LS_C_VOLUME_MSB
DCh
1001 1000
LS_C_VOLUME_MSB[7:0]
LS_C_VOLUME_LSB
DDh
0000 0000
0
0
0
0
0
0
LS_C_VOLUME_LSB[1:0]
LS_SUB_VOLUME_MSB
DEh
1001 1000
LS_SUB_VOLUME_MSB[7:0]
LS_SUB_VOLUME_LSB
DFh
0000 0000
0
0
0
0
0
0
LS_SUB_VOLUME_LSB[1:0]
LS_SL_VOLUME_MSB
E0h
1001 1000
LS_SL_VOLUME_MSB[7:0]
LS_SL_VOLUME_LSB
E1h
0000 0000
0
0
0
0
0
0
LS_SL_VOLUME_LSB[1:0]
LS_SR_VOLUME_MSB
E2h
0000 0000
LS_SR_VOLUME_MSB[7:0]
Table 9: List of I²C Registers (Sheet 5 of 6)
Name
Addr.
Reset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com