Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 30 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 26Page - STMicroelectronics STV82X7DSXT Datasheet HTML 27Page - STMicroelectronics STV82X7DSXT Datasheet HTML 28Page - STMicroelectronics STV82X7DSXT Datasheet HTML 29Page - STMicroelectronics STV82X7DSXT Datasheet HTML 30Page - STMicroelectronics STV82X7DSXT Datasheet HTML 31Page - STMicroelectronics STV82X7DSXT Datasheet HTML 32Page - STMicroelectronics STV82X7DSXT Datasheet HTML 33Page - STMicroelectronics STV82X7DSXT Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 149 page
background image
Dedicated Digital Signal Processor (DSP)
STV82x7
30/149
4.6.2
Bass Management Configuration 1
Configuration 1, shown in Figure 14, assumes that all five speakers are not full range and that all of
the bass information will be redirected to and reproduced by a single subwoofer. This configuration
is intended for use with 5 satellite speakers.
To prevent signal overload, the five main channels are attenuated by 15 dB, while the LFE channel
is attenuated by 5dB to maintain the proper mixing ratio.
Figure 14: Bass Management Configuration 1 (with Pro Logic switch indicating its reset state)
R
L
C
Ls
Rs
LFE
L
R
C
Ls
Rs
SubW
+
-5 dB
-15 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com