Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 83 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 79Page - STMicroelectronics STV82X7DSXT Datasheet HTML 80Page - STMicroelectronics STV82X7DSXT Datasheet HTML 81Page - STMicroelectronics STV82X7DSXT Datasheet HTML 82Page - STMicroelectronics STV82X7DSXT Datasheet HTML 83Page - STMicroelectronics STV82X7DSXT Datasheet HTML 84Page - STMicroelectronics STV82X7DSXT Datasheet HTML 85Page - STMicroelectronics STV82X7DSXT Datasheet HTML 86Page - STMicroelectronics STV82X7DSXT Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 149 page
background image
83/149
STV82x7
Register List
Note:
Stereo standard covers all transmission modes (stereo or multi-language) of the NICAM or Zweiton
(A2, A2* or A2+) system.
AUTOSTD_TIMERS
Detection Time Out Register
Bit Name
Reset
Function
LDK_ZWT3
0
D/K3 Zweiton (A2*) Stereo Standard Enable
0: Disabled
1: Enabled
LDK_ZWT2
0
D/K2 Zweiton (A2*) Stereo Standard Enable
0: Disabled
1: Enabled
LDK_ZWT1
0
D/K1 Zweiton (A2*) Stereo Standard Enable
0: Disabled
1: Enabled
LDK_NIC
1
D/K NICAM Stereo Standard Enable
0: Disabled
1: Enabled
I_NIC
1
I NICAM Stereo Standard Enable
0: Disabled
1: Enabled
BG_ZWT
1
B/G Zweiton (A2) Standard Enable
0: Disabled
1: Enabled
BG_NIC
1
B/G NICAM Standard Enable
0: Disabled
1: Enabled
MN_ZWT
1
M/N Zweiton (A2+) Standard Enable
0: Disabled
1: Enabled
Address: 8Dh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FM_TIME[1:0]
NICAM_TIME[2:0]
ZWEITON_TIME[2:0]
Bit Name
Reset
Function
FM_TIME[1:0]
10
FM/AM Detection Time-out
00 : 16 ms
10: 48 ms (Default)
01: 32 ms
11: 64 ms
NICAM_TIME[2:0]
100
NICAM Detection Time-out
000: 96 ms
100: 224 ms (Default)
001: 128 ms
101: 256 ms
010: 160 ms
110: 288 ms
011: 192 ms
111: 320 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com