Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 16Page - STMicroelectronics STV82X7DSXT Datasheet HTML 17Page - STMicroelectronics STV82X7DSXT Datasheet HTML 18Page - STMicroelectronics STV82X7DSXT Datasheet HTML 19Page - STMicroelectronics STV82X7DSXT Datasheet HTML 20Page - STMicroelectronics STV82X7DSXT Datasheet HTML 21Page - STMicroelectronics STV82X7DSXT Datasheet HTML 22Page - STMicroelectronics STV82X7DSXT Datasheet HTML 23Page - STMicroelectronics STV82X7DSXT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 149 page
background image
System Clock
STV82x7
20/149
2
System Clock
The System Clock integrates 2 independent frequency synthesizers.
The first frequency synthesizer can be used in one of two modes:
● In Mode 1, it is used by the demodulator, and the frequecy is 49.152 MHz.
● In Mode 2, it is used by the I²S input and is synchronous with the input frequency (fS = 32, 44.1
or 48 kHz) and the frequency is 49.152 MHz (for fS = 32 or 48 KHz) or 45.1584 MHz (for fS =
44.1 KHz).
The second frequency synthesizer is used by the DSP core and can be adjusted between 100 and
150 MHz depending on the application (around 106 MHz at reset value).
The default values are designed for a standard 27-MHz reference frequency provided by a stable
single crystal or an external differential clock signal (for example, from the STV35x0) depending on
the CLK_SEL pin configuration (CLK_SEL = 1 means a single crystal, 0 means an external
differential clock). The 27-MHz value is the recommended frequency for minimizing potential RF
interference in the application. The sinusoidal clock frequency, and any harmonic products, remain
outside the TV picture and sound IFs (PIF/SIF) and Band-I RF.
Note:
A change in the reference frequency is compatible with other default I²C programming values,
including those of the built-in Automatic Standard Recognition System.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com