Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 5Page - STMicroelectronics STV82X7DSXT Datasheet HTML 6Page - STMicroelectronics STV82X7DSXT Datasheet HTML 7Page - STMicroelectronics STV82X7DSXT Datasheet HTML 8Page - STMicroelectronics STV82X7DSXT Datasheet HTML 9Page - STMicroelectronics STV82X7DSXT Datasheet HTML 10Page - STMicroelectronics STV82X7DSXT Datasheet HTML 11Page - STMicroelectronics STV82X7DSXT Datasheet HTML 12Page - STMicroelectronics STV82X7DSXT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 149 page
background image
9/149
STV82x7
General Description
Specific stand-by mode (Loop-through)
Control by I²C bus (two I²C addresses)
System PLL and Clock Generation using either a single quartz oscillator or a differential clock
input
1.1.2
Software Information
The different software combinations are listed in Table 2.
Note:
In addition to the above sound processing, it is always possible to add ST Voice and also ST
Dynamic Bass algorithms.
Note:
The SRS
® TruSurround® and ST OmniSurround are approved by Dolby as Virtual Dolby Surround
(VDS) and Virtual Dolby Digital (VDD).
The SRS
® TruSurround XT™ system is composed of:
SRS
® TruSurround®
SRS
® WOW™
The SRS
® WOW™ system also includes:
SRS
® Dialog Clarity™
SRS
® TruBass™
1.1.3
Device Input Modes
Demodulator and SCART Mode (with output fS = 32 kHz)
SCART Only Mode (with output fS = 48 kHz)
I²S Mode (with output fS = 32, 44.1 or 48 kHz)
Table 2: Input/Output Software Configurations
Input (Number of Channels)
Output (Number of Channels)
2 (+1)
4 (+1)
5 (+1)
1
ST WideSurround or
SRS
® WOW™
2 (L and R)
ST WideSurround or
SRS
® WOW™
2 (LT and RT)
ST WideSurround or
SRS
® TruSurround XT™ or
ST OmniSurround or
Dolby
® Pro Logic® +SRS®
TruSurround XT
™ or
Dolby
® Pro Logic® +ST
OmniSurround
Dolby
® Pro Logic®
4 (+1)
SRS
® TruSurround XT™ or
ST OmniSurround or
Downmix
No processing
5 (+1)
SRS
® TruSurround XT™or
ST OmniSurround or
Downmix
Downmix
No processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com