Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 40 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 36Page - STMicroelectronics STV82X7DSXT Datasheet HTML 37Page - STMicroelectronics STV82X7DSXT Datasheet HTML 38Page - STMicroelectronics STV82X7DSXT Datasheet HTML 39Page - STMicroelectronics STV82X7DSXT Datasheet HTML 40Page - STMicroelectronics STV82X7DSXT Datasheet HTML 41Page - STMicroelectronics STV82X7DSXT Datasheet HTML 42Page - STMicroelectronics STV82X7DSXT Datasheet HTML 43Page - STMicroelectronics STV82X7DSXT Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 149 page
background image
I²S Interface (In / Out)
STV82x7
40/149
6
I²S Interface (In / Out)
The STV82x7 offers three input/output choices: one I²S input, three I²S inputs or one I²S output.
6.1
I²S Inputs
The STV82x7 can interface with a digital sound decoder. In this case, the digital data can be input
at a speed of 0.384 Mbytes/s (3.072 MHz for a 48 kHz sampling frequency with 32 bits of data).In
compliance with Dolby
® specifications, only the sampling frequency is subject to restrictions. All
other requirements are extracted from other various specifications.
The PCMCLK (possible clock for upsampling) is provided by the master which is the digital sound
decoder. A sample rate conversion (SRC) will be necessary in the second case (STV82x7 slave) in
order to have a fixed frequency output from this block (either 32 kHz, 44.1 kHz or 48 kHz).
Note:
The SRC function is only available in single I²S input mode.
The I²S interface is used in two ways depending on the package:
1. The interface with one I²S (I²S_DATA0) connection (only stereo or stereo-coded Dolby
® Pro
Logic
®);
2. One interface with three I²S connections connected to the DSP to allow the processing of a
multi-channel signal (maximum of 6 channels).
Table 5: I²S Characteristics
Sampling Frequency (kHz)
8, 11.025, 12,16, 22.05, 24, 32, 44.1 and 48
Data Size
16, 18*, 20*, 24*, 32
PCMCLK
512 x fS
1 2
1. means that the number is the number of effective bits but the transmission is with 32 bits.
2. 512 x fs is used by the DACs if 512 x fs is present.
Figure 25: I²S Block Diagram
Audio Processing
SRC x 2
SRC x 4
I²S_DATA0
I²S_DATA1
I²S_DATA2
fS Input = 8 to 48 kHz
fS Input = 32 to 48 kHz
fS Input = 32 to 48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com