Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 97 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 93Page - STMicroelectronics STV82X7DSXT Datasheet HTML 94Page - STMicroelectronics STV82X7DSXT Datasheet HTML 95Page - STMicroelectronics STV82X7DSXT Datasheet HTML 96Page - STMicroelectronics STV82X7DSXT Datasheet HTML 97Page - STMicroelectronics STV82X7DSXT Datasheet HTML 98Page - STMicroelectronics STV82X7DSXT Datasheet HTML 99Page - STMicroelectronics STV82X7DSXT Datasheet HTML 100Page - STMicroelectronics STV82X7DSXT Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 149 page
background image
97/149
STV82x7
Register List
DOWNMIX_DUAL_MODE
Register Description
DOWNMIX_CONFIG
Register Description
Address: A8h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
DUAL_ON
LS_DUAL_SELECT[1:0]
SCART_DUAL_SELECT[1:0]
HP_DUAL_SELECT[1:0]
Bit Name
Reset
Function
Bit 7
0
Reserved.
DUAL_ON
0
0: dual mode disable
1: dual mode enable
LS_DUAL_SELECT[1:0]
00
Dual Mono Mode on LS output
00: LS dual stereo
00: LS dual left mono
10: LS dual right mono
11: LS dual mixed
SCART_DUAL_SELECT[1:0]
00
Dual Mono Mode on SCART output
00: SCART dual stereo
01: SCART dual left mono
10: SCART dual right mono
11: SCART dual mixed
HP_DUAL_SELECT[1:0]
00
Dual Mono Mode on HP output
00: HP dual stereo
01: HP dual left mono
10: HP dual right mono
11: HP dual mixed
Address: A9h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
SRND_FACTOR[1:0]
CENTER_FACTOR[1:0]
LR_UPMIX
NORMALIZE
Bit Name
Reset
Function
Bits[7:6]
00
SRND_FACTOR [1:0]
00
00: -3dB
01: -4.5dB
10: -6dB
11: -6dB
CENTER_FACTOR [1:0]
00
00: -3dB
01: -4.5dB
10: -6dB
11: -4.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com