Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 11Page - STMicroelectronics STV82X7DSXT Datasheet HTML 12Page - STMicroelectronics STV82X7DSXT Datasheet HTML 13Page - STMicroelectronics STV82X7DSXT Datasheet HTML 14Page - STMicroelectronics STV82X7DSXT Datasheet HTML 15Page - STMicroelectronics STV82X7DSXT Datasheet HTML 16Page - STMicroelectronics STV82X7DSXT Datasheet HTML 17Page - STMicroelectronics STV82X7DSXT Datasheet HTML 18Page - STMicroelectronics STV82X7DSXT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 149 page
background image
15/149
STV82x7
General Description
23
SC3_IN_L
A
SCART3 Audio Input Left
AI3L
24
SC3_IN_R
A
SCART3 Audio Input Right
AI3R
25
SCL_FLT
A
SCART Filtering Left
Not connected
26
SCR_FLT
A
SCART Filtering Right
(Bandgap Voltage Source Decoupling)
BGAP
27
LS_C
A
Center Output
Not connected
28
LS_L
A
Left Loudspeaker Output
LSL
29
LS_R
A
Right Loudspeaker Output
LSR
30
LS_SUB
A
Subwoofer Output
SW
31
HP_LSS_L
A
Left Headphone Output or Left Surround Output
HPL
32
HP_LSS_R
A
Right Headphone Output or Right Surround Output
HPR
33
VSS18_CONV
DP
Ground for Digital part of the DAC/ADC
(Substrate Analog/Digital Shield)
GNDSA
34
VDD18_CONV
DP
1.8V Power for Digital part of the DAC/ADC
Not connected
35
HP_DET
I
Headphone Detection
HPD
36
ADR_SEL
I
Hardware Address selection for I²C Bus
ADR
37
VSS18
DP
Ground for Digital part
Connected to Ground
38
VDD18
DP
1.8V Power for Digital part
Not connected
39
SCL
OD
I²C Clock Input
SCL
40
SDA
OD
I²C Data I/O
SDA
41
VSS18
DP
Ground for Digital part
Connected to Ground
42
VDD18
DP
1.8V Power for Digital part
(5V Power Regulator Control)
REG
43
RST
I
Main Reset Input
RESET
44
S/PDIF_IN
I
Serial Audio Data Input
(System Clock output)
SYSCK
45
S/PDIF_OUT
O
Serial Audio Data Output
(I²S Master Clock output)
MCK
46
VDD33_IO1
DP
3.3V Power for Digital part
VDD1
47
VSS33_IO1
DP
Ground for Digital part
GND1
48
CK_TST_CTRL
D
To be Grounded
Not connected
49
VSS18
DP
Ground for Digital part
GNDSP
50
VDD18
DP
1.8V Power for Digital part
Not connected
51
CLK_SEL
I
Clock Input Format Selection
Not connected
52
XTALIN_CLKXTP
I
Crystal Oscillator Input or Differential Input Positive
(Crystal Oscillator Input)
XTI
Table 3: TQFP80 Pin Description (Sheet 2 of 3)
Pin
No.
STV82x7
Pin Name
Type
(STV82x7)
Function for STV82x7
(Function for STV82x6 in italic characters)
STV82x6
Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com