Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 59 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 55Page - STMicroelectronics STV82X7DSXT Datasheet HTML 56Page - STMicroelectronics STV82X7DSXT Datasheet HTML 57Page - STMicroelectronics STV82X7DSXT Datasheet HTML 58Page - STMicroelectronics STV82X7DSXT Datasheet HTML 59Page - STMicroelectronics STV82X7DSXT Datasheet HTML 60Page - STMicroelectronics STV82X7DSXT Datasheet HTML 61Page - STMicroelectronics STV82X7DSXT Datasheet HTML 62Page - STMicroelectronics STV82X7DSXT Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 149 page
background image
59/149
STV82x7
Register List
12.4
Demodulator
DEMOD_CTRL
Demodulator Control Register
DEMOD_STAT
Demodulator Detection Status Register
Bit Name
Reset
Function
PE_L1[7:0]
0000
0000
FS1 Fine Selection (LSBs)
Address: 0Ch
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
FAR_MODE
GAP_MODE
AM_SEL
DEMOD_MODE[2:0]
Bit Name
Reset
Function
bit [7:6]
000
Reserved
FAR_MODE
0
1: Farrow and Mono filter for NICAM active
GAP_MODE
0
Defines the clock gapping mode of the demodulator
0: (default), the FS1 freq is controlled by stl-error (clock-pll mode) to align the instantaneous
value of the internal clock with respect to the received NICAM clock
1: the FS1 freq is fixed and the mean value of the internal clock is aligned by variable gapping
(src-error) with respect to the received NICAM clock
AM_SEL
0
Demodulator Configuration Select
0: FM configuration of demodulator (Default)
1: AM configuration of demodulator
DEMOD_MODE[2:0]
110
Demodulator Mode Select
CH1 FM
CH2 FM/QPSK
000:
Normal
FM Normal
001:
Wide
FM Wide
010:
Normal
QPSK System B/G/L/D/K
011:
Wide
QPSK System B/G/L/D/K
100:
Normal
FM Wide
101:
Wide
FM Normal
110:
Normal
QPSK System I
111:
Wide
QPSK System I
Address: 0Dh
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
QPSK_LK
FM2_CAR
FM2_SQ
FM1_CAR
FM1_SQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com